| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM6441 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM6441 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 232 page ![]() TMS320DM6441 Digital Media System-on-Chip SPRS359D – SEPTEMBER 2006 – REVISED MARCH 2008 www.ti.com • External Memory Interfaces (EMIFs) • 10/100 Mb/s Ethernet MAC (EMAC) – 32-Bit DDR2 SDRAM Memory Controller – IEEE 802.3 Compliant With 256M-Byte Address Space (1.8-V I/O) – Media Independent Interface (MII) – Asynchronous16-Bit Wide EMIF (EMIFA) • VLYNQ™ Interface (FPGA Interface) With 128M-Byte Address Reach • Host Port Interface (HPI) with 16-Bit • Flash Memory Interfaces Multiplexed Address/Data – NOR (8-/16-Bit-Wide Data) • USB Port With Integrated 2.0 PHY – NAND (8-/16-Bit-Wide Data) – USB 2.0 High-/Full-Speed Client • Flash Card Interfaces – USB 2.0 High-/Full-/Low-Speed Host – Multimedia Card (MMC)/Secure Digital (SD) • Three Pulse Width Modulator (PWM) Outputs with Secure Data I/O (SDIO) • On-Chip ARM ROM Bootloader (RBL) to Boot – CompactFlash Controller With True IDE From NAND Flash or UART Mode – SmartMedia • ATA/ATAPI I/F (ATA/ATAPI-5 Specification) – Memory Stick® and Memory Stick PRO™ • Individual Power-Saving Modes for ARM/DSP • Enhanced Direct-Memory-Access (EDMA) • Flexible PLL Clock Generators Controller (64 Independent Channels) • IEEE-1149.1 (JTAG) Boundary- • Two 64-Bit General-Purpose Timers (Each Scan-Compatible Configurable as Two 32-Bit Timers) • Up to 71 General-Purpose I/O (GPIO) Pins • One 64-Bit Watch Dog Timer (Multiplexed With Other Device Functions) • Three UARTs (One with RTS and CTS Flow • 361-Pin Pb-Free BGA Package Control) (ZWT Suffix), 0.8-mm Ball Pitch • One Serial Port Interface (SPI) With Two • 0.09-m/6-Level Cu Metal Process (CMOS) Chip-Selects • 3.3-V and 1.8-V I/O, 1.05-V or 1.2-V internal • Master/Slave Inter-Integrated Circuit • Applications: (I2C Bus™) – Digital Media • Audio Serial Port (ASP) – Networked Media Encode/Decode – I2S – Video Imaging – AC97 Audio Codec Interface – Portable Media Players – Standard Voice Codec Interface (AIC12) Digital Media System-on-Chip (DMSoC) 2 Submit Documentation Feedback |