công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM6441 bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện TMS320DM6441
Giải thích chi tiết về linh kiện  Digital Media System-on-Chip
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6441 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button TMS320DM6441_08 Datasheet HTML 9Page - Texas Instruments TMS320DM6441_08 Datasheet HTML 10Page - Texas Instruments TMS320DM6441_08 Datasheet HTML 11Page - Texas Instruments TMS320DM6441_08 Datasheet HTML 12Page - Texas Instruments TMS320DM6441_08 Datasheet HTML 13Page - Texas Instruments TMS320DM6441_08 Datasheet HTML 14Page - Texas Instruments TMS320DM6441_08 Datasheet HTML 15Page - Texas Instruments TMS320DM6441_08 Datasheet HTML 16Page - Texas Instruments TMS320DM6441_08 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 232 page
background image
3.3.8.1 ARM Internal Memories
3.3.8.2 External Memories
3.3.8.3 DSP Memories
3.3.8.4 VICP Registers and Memories
3.3.8.5 ARM-DSP Integration
3.3.9
Peripherals
3.3.10 PLL Controller (PLLC)
TMS320DM6441
Digital Media System-on-Chip
www.ti.com
SPRS359D – SEPTEMBER 2006 – REVISED MARCH 2008
The ARM has access to the following ARM internal memories:
• 16KB ARM internal RAM on TCM interface, logically separated into two 8-KB pages to allow
simultaneous access on any given cycle if there are separate accesses for code (I-TCM bus) and data
(D-TCM) to the different memory regions.
• 8KB ARM internal ROM
The ARM has access to the following external memories:
• DDR2 synchronous DRAM
• Asynchronous EMIF / NOR flash / NAND flash
• ATA/CF
• Flash card devices:
–
MMC/SD with SDIO
–
Memory Stick/Memory Stick PRO
–
xD
–
SmartMedia
The ARM has access to the following DSP memories:
• L2 RAM
• L1P RAM
• L1D RAM
The ARM has access to the registers and memories of the video/imaging coprocessor (VICP) subsystem.
DM6441 ARM and DSP integration features are as follows:
• DSP visibility from ARM’s memory map, see Section 3.5, Memory Map Summary, for details
• Boot modes for DSP - see Device Configurations section, Section 4.3.3, DSP Boot, for details
• ARM control of DSP boot / reset - see Device Configurations section, Section 4.3.2, ARM Boot, for
details
• ARM control of DSP isolation and powerdown / powerup - see Section 4, Device Configurations, for
details
• ARM & DSP Interrupts - see Section 7.7.1, ARM CPU Interrupts, and Section 7.7.2, DSP Interrupts, for
details
The ARM9 has access to all of the peripherals on the DM6441 device with the exception of the VICP.
The ARM subsystem includes the PLL controller. The PLL controller contains a set of registers for
configuring DM6441’s two internal PLLs (PLL1 and PLL2). The PLL controller provides the following
configuration and control:
• PLL bypass mode
• Set PLL multiplier parameters
• Set PLL divider parameters
• PLL power down
• Oscillator power down
Submit Documentation Feedback
Device Overview
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More