công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RP515K103C bảng dữ liệu(PDF) 12 Page - Nisshinbo Micro Devices Inc.

tên linh kiện RP515K103C
Giải thích chi tiết về linh kiện  Ultra-low Power Consumption 300 mA Buck DC/DC Converter with Battery Monitor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NISSHINBO [Nisshinbo Micro Devices Inc.]
Trang chủ  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP515K103C bảng dữ liệu(HTML) 12 Page - Nisshinbo Micro Devices Inc.

Back Button RP515K103C Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
RP515x
No.EA-505-251006
12
THEORY OF OPERATION
DC/DC Section
Soft-start Time
Starting-up with CE1 Pin
The IC starts to operate when the CE1 pin voltage (VCE1) exceeds the threshold voltage. The threshold voltage
is preset between CE1
“High” input voltage (VCE1H) and CE1 “Low” input voltage (VCE1L). After the start-up of
the IC, soft-start circuit starts to operate. Then, after a certain period of time, the reference voltage (VREF) in
the IC gradually increases up to the specified value. Switching starts when VREF reaches the preset voltage,
and after that the output voltage rises as VREF increases. Soft-start time (tSTART) indicates the period from the
time soft-start circuit gets activated to the time VREF reaches the specified voltage. tSTART is not always equal
to the turn-on speed of the DC/DC converter. Note that the turn-on speed could be affected by the power
supply capacity, the output current (IOUT), the inductance and the output capacitor value (COUT1).
VCE1H
Soft-start Time
IC Internal Reference Voltage
VCE1L
L
Threshold Level
Lx Voltage
(VCE1)
(VREF)
Soft-start Circuit
operation starts.
(VLX)
Depending on Power Supply,
Load Current, External Components
(VOUT)
Output Voltage
CE1 Pin Input Voltage
Timing Chart: Starting-up with CE1 Pin
Starting-up with Power Supply
After the power-on, when VIN exceeds the UVLO release voltage (VUVLOR), the IC starts to operate. Then, soft-
start circuit starts to operate and after a certain period of time, VREF gradually increases up to the specified
value. Switching starts when VREF reaches the preset voltage, and after that the output voltage rises as VREF
increases. The turn-on speed of VOUT could be affected by following conditions:
1.
The VIN turn-on speed determined by the power supply to the IC and the CIN
2.
The output capacitor value (COUT1) and the output current (IOUT)
Output Voltage
(VOUT)
Input Voltage
(VIN)
VUVLOR
IC Internal Reference Voltage
(VREF)
VUVLOF
Lx Voltage
(VLX)
VSET
VOUT
Depending on Power Supply,
Load Current, External Components
Soft-start Time
Timing Chart: Starting-up with Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com