công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RP515K103C bảng dữ liệu(PDF) 27 Page - Nisshinbo Micro Devices Inc.

tên linh kiện RP515K103C
Giải thích chi tiết về linh kiện  Ultra-low Power Consumption 300 mA Buck DC/DC Converter with Battery Monitor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NISSHINBO [Nisshinbo Micro Devices Inc.]
Trang chủ  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP515K103C bảng dữ liệu(HTML) 27 Page - Nisshinbo Micro Devices Inc.

Back Button RP515K103C Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 29Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 30Page - Nisshinbo Micro Devices Inc. RP515K103C Datasheet HTML 31Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
VISUAL INSPECTION CRITERIA
WLCSP
VI-160823
i
No.
Inspection Items
Inspection Criteria
Figure
1
Package chipping
A
0.2mm is rejected
B
0.2mm is rejected
C
0.2mm is rejected
And, Package chipping to Si surface
and to bump is rejected.
2
Si surface chipping
A
0.2mm is rejected
B
0.2mm is rejected
C
0.2mm is rejected
But, even if A
0.2mm, B0.1mm is
acceptable.
3
No bump
No bump is rejected.
4
Marking miss
To reject incorrect marking, such as
another product name marking or
another lot No. marking.
5
No marking
To reject no marking on the package.
6
Reverse direction of
marking
To reject reverse direction of marking
character.
7
Defective marking
To reject unreadable marking.
(Microscope: X15/ White LED/ Viewed
from vertical direction)
8
Scratch
To reject unreadable marking
character by scratch.
(Microscope: X15/ White LED/ Viewed
from vertical direction)
9
Stain and Foreign
material
To reject unreadable marking
character by stain and foreign material.
(Microscope: X15/ White LED/ Viewed
from vertical direction)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com