công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6711TR bảng dữ liệu(PDF) 33 Page - STMicroelectronics

tên linh kiện L6711TR
Giải thích chi tiết về linh kiện  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711TR bảng dữ liệu(HTML) 33 Page - STMicroelectronics

Back Button L6711TR Datasheet HTML 29Page - STMicroelectronics L6711TR Datasheet HTML 30Page - STMicroelectronics L6711TR Datasheet HTML 31Page - STMicroelectronics L6711TR Datasheet HTML 32Page - STMicroelectronics L6711TR Datasheet HTML 33Page - STMicroelectronics L6711TR Datasheet HTML 34Page - STMicroelectronics L6711TR Datasheet HTML 35Page - STMicroelectronics L6711TR Datasheet HTML 36Page - STMicroelectronics L6711TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
L6711
Output voltage monitor and protections
33/50
14
Output voltage monitor and protections
The device monitors through pin VSEN the regulated voltage in order to manage the OVP /
UVP conditions.
14.1
UVP protection
If the output voltage monitored by VSEN drops below the 60% of the reference voltage for
more than one clock period, the device turns off all mosfets and the OSC/FAULT is driven
high (5V). The condition is latched; to recover it is required to cycle Vcc or the OUTEN pin.
14.2
Programmable OVP protection
Once VCC crosses the turn-ON threshold and the device is enabled (OUTEN = 1), the
device provides a programmable Over Voltage protection; when the voltage sensed
overcomes the programmed threshold, the controller permanently switches on all the low-
side mosfets and switches off all the high-side mosfets in order to protect the load. The
OSC/ FAULT pin is driven high (5V) and power supply or OUTEN pin cycling is required to
restart operations.
The OVP threshold is programmed through the OVP pin: leaving the pin floating, it is
internally pulled-up and the threshold is set at 115% (Typ.) of the programmed output
voltage. Connecting the OVP pin to SGND through a resistor ROVP, the OVP threshold
becomes a fixed voltage as follow:
OVPTH = 1.455 · ROVP · 12.5µ
14.3
Preliminary OVP protection (Pre-OVP)
While VCC pin is under the turn-ON threshold, a preliminary-OVP protection turns on the
low side mosfets as long as the FBR pin voltage is greater than 1.8V. This protection is
enabled when VCC stays within the device turn-on threshold and the PreOVP turn on
threshold and depends also on the OUTEN pin status as detailed in Figure 16 - left.
A simple way to provide protection to the output in all conditions when the device is OFF
(then avoiding the unprotected red region in Figure 16) consists in supplying the controller
through the 5VSB bus as shown in Figure 16 - right.
Both Over Voltage and Under Voltage are active also during soft start (see the relevant
section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com