| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRA751ABC bảng dữ liệu(PDF) 129 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA751ABC bảng dữ liệu(HTML) 129 Page - Texas Instruments |
|
129 / 443 page ![]() 129 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 www.ti.com SPRS950F – DECEMBER 2015 – REVISED MAY 2019 Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-23. GPIOs Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL gpio5_31 General-Purpose Input/Output IO W2 GPIO 6 gpio6_4 General-Purpose Input/Output IO A13 gpio6_5 General-Purpose Input/Output IO G14 gpio6_6 General-Purpose Input/Output IO F14 gpio6_7 General-Purpose Input/Output IO B16 gpio6_8 General-Purpose Input/Output IO C15 gpio6_9 General-Purpose Input/Output IO A16 gpio6_10 General-Purpose Input/Output IO AC5 gpio6_11 General-Purpose Input/Output IO AB4 gpio6_12 General-Purpose Input/Output IO AB10 gpio6_13 General-Purpose Input/Output IO AC10 gpio6_14 General-Purpose Input/Output IO E21 gpio6_15 General-Purpose Input/Output IO F20 gpio6_16 General-Purpose Input/Output IO F21 gpio6_17 General-Purpose Input/Output IO D18 gpio6_18 General-Purpose Input/Output IO E17 gpio6_19 General-Purpose Input/Output IO B26 gpio6_20 General-Purpose Input/Output IO C23 gpio6_21 General-Purpose Input/Output IO W6 gpio6_22 General-Purpose Input/Output IO Y6 gpio6_23 General-Purpose Input/Output IO AA6 gpio6_24 General-Purpose Input/Output IO Y4 gpio6_25 General-Purpose Input/Output IO AA5 gpio6_26 General-Purpose Input/Output IO Y3 gpio6_27 General-Purpose Input/Output IO W7 gpio6_28 General-Purpose Input/Output IO Y9 gpio6_29 General-Purpose Input/Output IO AD4 gpio6_30 General-Purpose Input/Output IO AC4 gpio6_31 General-Purpose Input/Output IO AC7 GPIO 7 gpio7_0 General-Purpose Input/Output IO AC6 gpio7_1 General-Purpose Input/Output IO AC9 gpio7_2 General-Purpose Input/Output IO AC3 gpio7_3 General-Purpose Input/Output IO R6 gpio7_4 General-Purpose Input/Output IO T9 gpio7_5 General-Purpose Input/Output IO T6 gpio7_6 General-Purpose Input/Output IO T7 gpio7_7 General-Purpose Input/Output IO A25 gpio7_8 General-Purpose Input/Output IO F16 gpio7_9 General-Purpose Input/Output IO B25 gpio7_10 General-Purpose Input/Output IO A24 gpio7_11 General-Purpose Input/Output IO A22 gpio7_12 General-Purpose Input/Output IO B21 gpio7_13 General-Purpose Input/Output IO B20 gpio7_14 General-Purpose Input/Output IO A26 gpio7_15 General-Purpose Input/Output IO B22 |