| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRA751ABC bảng dữ liệu(PDF) 128 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA751ABC bảng dữ liệu(HTML) 128 Page - Texas Instruments |
|
128 / 443 page ![]() 128 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 SPRS950F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-23. GPIOs Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL gpio4_17 General-Purpose Input/Output IO A12 gpio4_18 General-Purpose Input/Output IO E14 gpio4_19 General-Purpose Input/Output IO D11 gpio4_20 General-Purpose Input/Output IO B10 gpio4_21 General-Purpose Input/Output IO B11 gpio4_22 General-Purpose Input/Output IO C11 gpio4_23 General-Purpose Input/Output IO E11 gpio4_24 General-Purpose Input/Output IO B2 gpio4_25 General-Purpose Input/Output IO D6 gpio4_26 General-Purpose Input/Output IO C5 gpio4_27 General-Purpose Input/Output IO A3 gpio4_28 General-Purpose Input/Output IO B3 gpio4_29 General-Purpose Input/Output IO B4 gpio4_30 General-Purpose Input/Output IO B5 gpio4_31 General-Purpose Input/Output IO A4 GPIO 5 gpio5_0 General-Purpose Input/Output IO B14 gpio5_1 General-Purpose Input/Output IO J14 gpio5_2 General-Purpose Input/Output IO G12 gpio5_3 General-Purpose Input/Output IO F12 gpio5_4 General-Purpose Input/Output IO G13 gpio5_5 General-Purpose Input/Output IO J11 gpio5_6 General-Purpose Input/Output IO E12 gpio5_7 General-Purpose Input/Output IO F13 gpio5_8 General-Purpose Input/Output IO C12 gpio5_9 General-Purpose Input/Output IO D12 gpio5_10 General-Purpose Input/Output IO B12 gpio5_11 General-Purpose Input/Output IO A11 gpio5_12 General-Purpose Input/Output IO B13 gpio5_13 General-Purpose Input/Output IO B18 gpio5_14 General-Purpose Input/Output IO F15 gpio5_15 General-Purpose Input/Output IO V1 gpio5_16 General-Purpose Input/Output IO U4 gpio5_17 General-Purpose Input/Output IO U3 gpio5_18 General-Purpose Input/Output IO V2 gpio5_19 General-Purpose Input/Output IO Y1 gpio5_20 General-Purpose Input/Output IO W9 gpio5_21 General-Purpose Input/Output IO V9 gpio5_22 General-Purpose Input/Output IO V7 gpio5_23 General-Purpose Input/Output IO U7 gpio5_24 General-Purpose Input/Output IO V6 gpio5_25 General-Purpose Input/Output IO U6 gpio5_26 General-Purpose Input/Output IO U5 gpio5_27 General-Purpose Input/Output IO V5 gpio5_28 General-Purpose Input/Output IO V4 gpio5_29 General-Purpose Input/Output IO V3 gpio5_30 General-Purpose Input/Output IO Y2 |