| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRA751ABC bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA751ABC bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 443 page ![]() Program/Data Storage Serial Interfaces Connectivity I2C x5 UART x10 McSPI x4 DCAN x2 McASP x8 Display Subsystem LCD2 LCD1 System Spinlock 1xGFX / 3xVID Blend / Scale (2x Arm Cortex–A15) DSP1 C66x Co-Processors PCIe SS x2 Mailbox x13 GPIO x8 Timers x16 WDT MediaLB / MOST150 GMAC AVB up to 2.5MiB RAM w/ ECC SATA (NAND/NOR/ Async) MMC / SD x4 2x 32b DMM 2x VCP HD ATL (Dual-Core SGX544 3D) BB2D 320 2D) VIP1 HDMI 1.4a QSPI 3x USB 2.0 Dual Mode FS/HS 1x w/ PHY 2x w/ ULPI LCD3 EDMA sDMA 2x EVE Analytic Processors 2x MMU VPE PWM SS x3 intro_001 RTC SS KBD HDQ 1x USB 3.0 FS/HS/SS Dual Mode w/PHY GPMC / ELM DDR2/3 w/ECC (1) EMIF x2 256KiB ROM OCMC DRA75x / DRA74x (GC GPU MPU DSP2 C66x Co-Processors (Dual Cortex–M4) IPU1 (Dual Cortex–M4) IPU1 IPU2 VIP2 VIP3 IVA HD 1080p Video Co-Processor Radio Accelerators High-Speed Interconnect 3 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 www.ti.com SPRS950F – DECEMBER 2015 – REVISED MAY 2019 Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 Device Overview Copyright © 2015–2019, Texas Instruments Incorporated 1.4 Functional Block Diagram Figure 1-1 is functional block diagram for the device. Figure 1-1. DRA75x, DRA74x Block Diagram (1) ECC is only available on EMIF1. |