| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M28W640ECT10N1E bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W640ECT10N1E bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 55 page ![]() M28W640ECT, M28W640ECB 34/55 Table 23. Daisy Chain Ordering Scheme Note:Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of available options (Speed, Package, etc...) or for further information on any aspect of this device, please contact the ST Sales Office nearest to you. Example: M28W640EC -ZB T Device Type M28W640EC Daisy Chain -ZB = TFBGA48: 6.39 x 10.5mm, 0.75 mm pitch Option Blank = Standard Packing T = Tape & Reel Packing E = Lead-Free Package, Standard Packing F = Lead-Free Package, Tape & Reel Packing |