công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M28W640ECT10N1E bảng dữ liệu(PDF) 33 Page - STMicroelectronics

tên linh kiện M28W640ECT10N1E
Giải thích chi tiết về linh kiện  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640ECT10N1E bảng dữ liệu(HTML) 33 Page - STMicroelectronics

Back Button M28W640ECT10N1E Datasheet HTML 29Page - STMicroelectronics M28W640ECT10N1E Datasheet HTML 30Page - STMicroelectronics M28W640ECT10N1E Datasheet HTML 31Page - STMicroelectronics M28W640ECT10N1E Datasheet HTML 32Page - STMicroelectronics M28W640ECT10N1E Datasheet HTML 33Page - STMicroelectronics M28W640ECT10N1E Datasheet HTML 34Page - STMicroelectronics M28W640ECT10N1E Datasheet HTML 35Page - STMicroelectronics M28W640ECT10N1E Datasheet HTML 36Page - STMicroelectronics M28W640ECT10N1E Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
33/55
M28W640ECT, M28W640ECB
PART NUMBERING
Table 22. Ordering Information Scheme
Example:
M28W640ECT
90
N
6
T
Device Type
M28
Operating Voltage
W = VDD = 2.7V to 3.6V; VDDQ = 1.65V to 3.6V
Device Function
640EC = 64 Mbit (4 Mb x16), Boot Block
Array Matrix
T = Top Boot
B = Bottom Boot
Speed
70 = 70 ns (to be characterized)
85 = 85 ns
90 = 90 ns
10 = 100 ns
Package
N = TSOP48: 12 x 20 mm
ZB = TFBGA48: 6.39 x 10.5mm, 0.75 mm pitch
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
Blank = Standard Packing
T = Tape & Reel Packing
E = Lead-Free Package, Standard Packing
F = Lead-Free Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55