công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9DBL02X2 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện 9DBL02X2
Giải thích chi tiết về linh kiện  2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBL02X2 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button 9DBL02X2 Datasheet HTML 9Page - Renesas Technology Corp 9DBL02X2 Datasheet HTML 10Page - Renesas Technology Corp 9DBL02X2 Datasheet HTML 11Page - Renesas Technology Corp 9DBL02X2 Datasheet HTML 12Page - Renesas Technology Corp 9DBL02X2 Datasheet HTML 13Page - Renesas Technology Corp 9DBL02X2 Datasheet HTML 14Page - Renesas Technology Corp 9DBL02X2 Datasheet HTML 15Page - Renesas Technology Corp 9DBL02X2 Datasheet HTML 16Page - Renesas Technology Corp 9DBL02X2 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
R31DS0116EU0105 Rev.1.05
Page 13
Nov 5, 2025
9DBL02x2/9DBL04x2/9DBL06x1/9DBL08x1C Datasheet
Table 9. LP-HCSL (DIF) Output Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Unit
dV/dt
Slew Rate [1] [2] [3]
1. Confirmed by design and characterization, not 100% tested in production.
2. Measured from differential waveform.
3. Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a ±150mV window around
differential 0V.
Scope averaging on, fast setting.
2.9
3.7
4.7
V/ns
Scope averaging on, slow setting.
2
2.7
3.7
ΔtR/tF
Rise/Fall Matching [1] [4]
4. Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a ±75mV window centered on the
average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations.
Single-ended measurement.
-
6
20
%
VHIGH
Voltage High [5]
5. At default SMBus settings.
Statistical measurement on single-
ended signal using oscilloscope math
function (scope averaging on).
660
761
850
mV
VLOW
Voltage Low [5]
-150
-7
150
Vmax
Max Voltage [5]
Measurement on single ended signal
using absolute value (scope
averaging off).
-
819
1150
Vmin
Min Voltage [5]
-300
-46
-
Vcross_abs
Crossing Voltage (abs) [1] [6]
6. Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising edge
(i.e. Clock rising and Clock# falling).
Scope averaging off.
250
409
550
Δ-Vcross
Crossing Voltage (var) [1] [7]
7. The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross absolute)
allowed. The intent is to limit Vcross induced modulation by setting Δ-Vcross to be smaller than Vcross absolute.
Scope averaging off.
-
14
140
Table 10. Current Consumption – 9DBL02xxC
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Unit
IDDDIG
Operating Supply Current,
ZDB Mode
VDDDIG, all outputs at 100MHz.
-
0.8
1
mA
IDDO+O+R
VDDA+VDDO+VDDR, all outputs at
100MHz.
-
30
35
mA
IDDDIG
Operating Supply Current,
Fanout (bypass) Mode
VDDDIG, all outputs at 100MHz
-
0.5
1
mA
IDDO+O+R
VDDA+VDDO+VDDR, all outputs at
100MHz.
-
22
26
mA
IDDDIGPD
Powerdown Current[1]
1. Input clock stopped.
VDDDIG, CKPWRGD_PD# = 0.
-
0.5
0.6
mA
IDDO+O+RPD
VDDA+VDDO+VDDR,
CKPWRGD_PD# = 0.
-
2.1
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com