công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC549 bảng dữ liệu(PDF) 51 Page - Texas Instruments

tên linh kiện TMS320VC549
Giải thích chi tiết về linh kiện  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 bảng dữ liệu(HTML) 51 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 47Page - Texas Instruments TMS320VC549 Datasheet HTML 48Page - Texas Instruments TMS320VC549 Datasheet HTML 49Page - Texas Instruments TMS320VC549 Datasheet HTML 50Page - Texas Instruments TMS320VC549 Datasheet HTML 51Page - Texas Instruments TMS320VC549 Datasheet HTML 52Page - Texas Instruments TMS320VC549 Datasheet HTML 53Page - Texas Instruments TMS320VC549 Datasheet HTML 54Page - Texas Instruments TMS320VC549 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
51
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
serial-port transmit timing in TDM mode
switching characteristics over recommended operating conditions [H = 0.5tc(CO)] (see Figure 28)
PARAMETER
549-80
549-100
549-120
UNIT
MIN
MAX
th(TCH-TDV)
Hold time, TDAT / TADD valid after TCLK rising edge, TCLK external
1
ns
th(TCH-TDV)
Hold time, TDAT/TADD valid after TCLK rising edge, TCLK internal
1
ns
td(TCH-TFV)
Delay time, TFRM valid after TCLK rising edge, TCLK ext†
H − 3
3H+22
ns
td(TCH-TFV)
Delay time, TFRM valid after TCLK rising edge, TCLK int†
H − 3
3H+12
ns
td(TC-TDV)
Delay time, TCLK to valid TDAT/TADD, TCLK ext
25
ns
td(TC-TDV)
Delay time, TCLK to valid TDAT/TADD, TCLK int
18
ns
† TFRM timing and waveforms shown in Figure 28 are for internal TFRM. TFRM can also be configured as external. The TFRM external case is
illustrated in the receive timing diagram in Figure 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64