| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XISO6442FDWR bảng dữ liệu(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XISO6442FDWR bảng dữ liệu(HTML) 29 Page - Texas Instruments |
|
29 / 56 page ![]() 9 Application and Implementation Note Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information The ISO644x devices are high-performance, low power, quad-channel digital isolators. These devices come with enable pins on each side which can be used to put the respective outputs in high impedance for parallel (multiple) driver applications. The ISO644x devices use single-ended CMOS-logic switching technology. The supply voltage range is from 2.25V to 5.5V for both supplies, VCC1 and VCC2. Since an isolation barrier separates the two sides, each side can be sourced independently with any voltage within the Section 6.3 . As an example, supplying ISO644x VCC1 with 3.3V (which is within 2.25V to 5.5V) and VCC2 with 5V (which is also within 2.25V to 5.5V) is possible. You can use the digital isolator as a logic-level translator in addition to providing isolation. When designing with digital isolators, keep in mind that because of the single-ended design structure, digital isolators do not conform to any specific interface standard and are only intended for isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the data controller (that is, MCU or FPGA), and a data converter or a line transceiver, regardless of the interface type or standard. 9.2 Typical Application Figure 9-1 shows the isolated serial peripheral interface (SPI). Vcc1 Vcc2 GND1 GND2 OUTA XOUT XIN MSPM0 C2000 AM2xxx TM4Cxx INA OUTD ISO6441 GND VCC EN1 EN2 INB OUTB OUTC IND INC SDI CS SCLK SDO VBD AGND CH0 CS SCLK SDI SDO ADS7953 CH15 BDGND VA REFP MXO AINP REFM V IN GND V OUT REF5025 V S MBR0520L MBR0520L 1:1.33 D2 SN6501 D1 Vcc GND 3.3V IN EN GND OUT TLV70733 3.3V 16 Analog Inputs ISO-BARRIER V ISO Figure 9-1. Isolated SPI for an Analog Input Module With 16 Inputs www.ti.com ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 29 Product Folder Links: ISO6440 ISO6441 ISO6442 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |