công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT47C20 bảng dữ liệu(PDF) 22 Page - Holtek Semiconductor Inc

tên linh kiện HT47C20
Giải thích chi tiết về linh kiện  8-Bit R-F Type Mask MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 bảng dữ liệu(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 18Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 19Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 20Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 21Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 22Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 23Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 24Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 25Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
HT47C20
Rev. 1.60
22
July 26, 2002
Input/output ports
There are 8-bit bidirectional input/output port and 4-bit
input port in the HT47C20, labeled PA and PB which are
mapped to the data memory of [12H] and [14H] respec-
tively. The high nibble of the PA is NMOS output and in-
put with pull-high resisters. The low nibble of the PA can
be used for input/output or output operation by selecting
NMOS or CMOS output by mask option. Each bit on the
PA can be configured as a wake-up input, and the low
nibble of the PA with or without pull-high resistor by
mask option. PB can only be used for input operation,
and each bit on the port is with pull high resistor. Both
are for the input operation, these ports are non-latched,
that is, the inputs should be ready at the T2 rising edge
of the instruction
²MOV A, [m]² (m=12H or 14H). For PA
output operation, all data are latched and remain un-
changed until the output latch is rewritten.
When the structures of PA are open drain NMOS type, it
should be noted that, before reading data from the pads,
a
²1² should be written to the related bits to disable the
NMOS device. That is done first before executing the in-
struction
²MOV A, 0FFH² and ²MOV [12H], A² to disable
related NMOS device, and then
²MOV A, [12H]² to get
stable data.
After chip reset, these input lines remain at a high level
or are left floating (by mask option).
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or to the accumulator. Each bit of the PA output
latches can not use these instruction, which may
change the input lines to output lines (when input line is
at low level).
Q
D
C K
Q
D a t a B u s
W R
W E A K
P u l l - u p
P A 0 / B Z
V D D
M a s k
O p t i o n
V D D
M
U
X
M
U
X
B Z O p t i o n
R e a d P a t h
B Z S i g n a l
Q
D
C K
Q
W E A K
P u l l - u p
P A 1 / B Z
V D D
M a s k
O p t i o n
V D D
M
U
X
B Z O p t i o n
R e a d P a t h
S
C h i p R e s e t
S
M
U
X
M a s k O p t i o n
S y s t e m W a k e - u p
M a s k O p t i o n
S y s t e m W a k e - u p
D a t a B u s
W R
C h i p R e s e t
PA0/BZ, PA1/BZ input/output port
p10:
clr wdt
snz intcl.4
; polling timer/event counter interrupt request flag
jmp p10
clr intcl.4
; clear timer/event counter interrupt request flag
; program continue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com