công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT47C20 bảng dữ liệu(PDF) 16 Page - Holtek Semiconductor Inc

tên linh kiện HT47C20
Giải thích chi tiết về linh kiện  8-Bit R-F Type Mask MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 bảng dữ liệu(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 13Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 14Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 15Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 16Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 17Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 18Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 19Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
HT47C20
Rev. 1.60
16
July 26, 2002
The states of the registers are summarized in the following table:
Register
Reset
(power on)
WDT time-out
(normal operation)
RES reset
(normal operation)
RES reset
(HALT)
WDT time-out
(HALT)
TMRAH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMRAL
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMRC
0000 1---
0000 1---
0000 1---
0000 1---
uuuu u---
TMRBH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMRBL
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
ADCR
1xxx --00
1xxx --00
1xxx --00
1xxx --00
uuuu --uu
Program
Counter
000H
000H
000H
000H
000H
*
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
INTC0
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
INTC1
---0 ---0
---0 ---0
---0 ---0
---0 ---0
---u ---u
RTCC
--x0 0111
--x0 0111
--x0 0111
--x0 0111
--uu uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
Note:
²*² refers to ²warm reset²
²u² means ²unchanged²
²x² means ²unknown²
R E S
V D D
Reset circuit
W D T
W D T
T i m e - o u t
R e s e t
E x t e r n a l
C o l d
R e s e t
H A L T
R E S
P o w e r - o n D e t e c t i o n
S S T
1 0 - b i t R i p p l e
C o u n t e r
O S C 1
W a r m R e s e t
Reset configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com