| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL052CDRG4 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TL052CDRG4 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 67 page ![]() TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 29 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 45 –75 0 125 3 –50 –25 0 25 50 75 100 0.5 1 1.5 2 2.5 TA – Free-Air Temperature – °C VCC ± = ±5 V VCC ± = ±15 V VO = 0 No Load TL051 SUPPLY CURRENT† vs FREE-AIR TEMPERATURE Figure 46 –75 0 125 5 –50 –25 0 25 50 75 100 1 2 3 4 VCC ± = ±15 V VCC ± = ±5 V TA – Free-Air Temperature – °C VO = 0 No Load TL052 SUPPLY CURRENT† vs FREE-AIR TEMPERATURE Figure 47 –75 0 125 10 –50 –25 0 25 50 75 100 2 4 6 8 TA – Free-Air Temperature – °C VCC ± = ±5 V VCC ± = ±15 V VO = 0 No Load TL054 SUPPLY CURRENT† vs FREE-AIR TEMPERATURE Figure 48 25 20 15 10 5 0 100 40 10 4 1 RL – Load Resistance – kΩ 0.4 SR+ SR– CL = 100 pF TA = 25°C See Figure 1 VCC ± = ±5 V TL051 SLEW RATE vs LOAD RESISTANCE † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |