| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL052CDRG4 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TL052CDRG4 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 67 page ![]() TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 14 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL054C and TL054AC operating characteristics at specified free-air temperature † TL054C, TL054C PARAMETER TEST CONDITIONS TA† VCC ± = ±5 V VCC ± = ±15 V UNIT MIN TYP MAX MIN TYP MAX SR+ Positive slew rate 25 °C 15.4 10 17.8 SR+ at unity gain 0 °C 15.7 8 17.9 RL = 2 kΩ,CL = 100 pF, 70 °C 14.4 8 17.5 V/ µs SR Negative slew rate at L L See Figure 1 and Note 7 25 °C 13.9 10 15.9 V/ µs SR– g unity gain‡ 0 °C 14.3 8 16.1 70 °C 13.3 8 15.5 25 °C 55 56 tr Rise time 0 °C 54 55 70 °C 63 63 ns VI(PP) = ±10 mV, R2 k Ω 25 °C 55 57 ns tf Fall time RL = 2 kΩ, CL = 100 pF 0 °C 54 56 CL = 100 F, See Figures 1 and 2 70 °C 62 64 See Figures 1 and 2 25 °C 24% 19% Overshoot factor 0 °C 24% 19% % 70 °C 24% 19 V Equivalent input noise f = 10 Hz 25 °C 75 75 nV/ √Hz Vn q voltage§ RS = 20 Ω, f = 1 kHz 25 °C 21 21 45 nV/ √Hz VN(PP) Peak-to-peak equivalent input noise voltage See Figure 3 f = 10 Hz to 10 kHz 25 °C 4 4 µV In Equivalent input noise current f = 1 kHz 25 °C 0.01 0.01 pA/ √Hz THD Total harmonic distortion¶ RS = 1 kΩ, f = 1 kHz RL = 2 kΩ, 25 °C 0.003 0.003 % V10 mV R 2 k Ω 25 °C 2.7 2.7 B1 Unity-gain bandwidth VI = 10 mV, RL = 2 kΩ, CL =25 pF See Figure 4 0 °C 3 3 MHz CL = 25 F, See Figure 4 70 °C 2.4 2.4 Phase margin at VI =10mV RL =2kΩ 25 °C 61 64 φm Phase margin at unity gain VI = 10 mV, RL = 2 kΩ, CL = 25 pF See Figure 4 0 °C 60 64 deg unity gain CL = 25 F, See Figure 4 70 °C 61 63 † Full range is 0 °C to 70°C. ‡ For VCC± = ±5 V, VI(PP) = ±1 V; for VCC± = ±15 V, VI(PP) = ±5 V. § This parameter is tested on a sample basis. For other test requirements, please contact the factory. This statement has no bearing on testing or nontesting of other parameters. ¶ For VCC± = ±5 V, VO(RMS) = 1 V; for VCC± = ±15 V, VO(RMS) = 6 V. |