| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APM32E103CEU6-R bảng dữ liệu(PDF) 20 Page - Geehy Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
APM32E103CEU6-R bảng dữ liệu(HTML) 20 Page - Geehy Semiconductor Co., Ltd. |
|
20 / 79 page ![]() www.g eeh y.co m Pag e 19 (4) This kind of multiplexing function can be configured to other pins by software (if the corresponding package model has this pin). For details, please refer to the multiplexing function I/O chapter and the debugging setting chapter of the user manual. (5) Pin 5 and pin 6 of LQFP64 and below package are configured as OSC_IN and OSC_OUT function pins by default after chip reset. The software can reset these two pins as PD0 and PD1 functions. However, for LQFP100 package, since PD0 and PD1 are inherent function pins, it is unnecessary to re image by software. For more details, refer to the Reuse Function I/O section and the Debug Settings section of the reference manual. In output mode, PD0 and PD1 can only be configured as 50MHz output mode. |