công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF85263A bảng dữ liệu(PDF) 49 Page - NXP Semiconductors

tên linh kiện PCF85263A
Giải thích chi tiết về linh kiện  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263A bảng dữ liệu(HTML) 49 Page - NXP Semiconductors

Back Button PCF85263A Datasheet HTML 45Page - NXP Semiconductors PCF85263A Datasheet HTML 46Page - NXP Semiconductors PCF85263A Datasheet HTML 47Page - NXP Semiconductors PCF85263A Datasheet HTML 48Page - NXP Semiconductors PCF85263A Datasheet HTML 49Page - NXP Semiconductors PCF85263A Datasheet HTML 50Page - NXP Semiconductors PCF85263A Datasheet HTML 51Page - NXP Semiconductors PCF85263A Datasheet HTML 52Page - NXP Semiconductors PCF85263A Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Remark: Clock output is the default state. To save power, it is recommended to disable
the clock when not being used. If no clock is required, then set COF[2:0] in the Function
register (Section 7.13) to CLK disabled. If clock output is only required on the CLK pin,
then set the INTA pin to either INTA data or battery mode.
7.12.6.3 INTAPM[1:0]: battery mode indication
It is possible to output the state of the power switch on the INTA pin. The output has an
open-drain output. The output is available during VDD and VBAT operation.
Power supply
INTA pin state
VDD
INTA = Hi-Z
VBAT
INTA = logic 0
Table 49. INTA battery mode
7.13 Function register
Bit
7
6
5
4
3
2
1
0
Symbol
100TH
PI[1:0]
RTCM
STOPM
COF[2:0]
Section
Section 7.13.1
Section 7.13.2
Section 7.13.3
Section 7.13.4
Section 7.13.5
Table 50. Function - chip function control register (address 28h) bit description
7.13.1 100TH: 100th seconds mode
Bit
Symbol
Value
Description
100th second mode
0 [1]
100th second disabled
7
100TH
1
100th second enabled
Table 51. 100TH bit - Function control register (address 28h)
[1]
Default value.
The PCF85263A can be configured to count at a resolution of 1 second or 0.01 seconds.
In 100th mode, the 100th_seconds register becomes available and the RTC counts at a
resolution of 0.01 seconds.
The 256 Hz clock signal is divided by 3 for fourteen 100 Hz periods and then by 2 for
eleven 100 Hz periods. This produces an effective division ratio of 2.56 with a maximum
jitter of 3.91 ms. Over twenty-five 100 Hz cycles the jitter is 0 ns.
7.13.2 PI[1:0]: Periodic interrupt
Bit
Symbol
Value
Description
periodic interrupt
00 [1]
no periodic interrupt
01
once per second
6 to 5
PI[1:0]
10
once per minute
Table 52. PI[1:0] bits - Function control register (address 28h)
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
49 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com