| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAP5S bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SAP5S bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp |
|
17 / 67 page ![]() SAP51 / SAP5S Datasheet © 2016 Integrated Device Technology, Inc. 17 January 28, 2016 3.2.13. Summary of Master Calls Table 3.2 and Table 3.3 on the following pages show the complete set of master calls that are decoded by the SAP5 in Slave Mode. The master calls in Table 3.3 are intended for programming the SAP5 by the slave manufacturer only. They become deactivated as soon as the Lock_EE_PRG and Safety_Program_Mode_Disable flags are set in the Firmware Area of the EEPROM. The following abbreviations are used in Table 3.2 and Table 3.3 column headings: • ST: Start bit • CB: Control bit • PB: Parity Bit • EB: End Bit Important note regarding full compliance with the AS-Interface Complete Specification: In order to achieve full compliance with the AS-Interface Complete Specification, the Lock_EE_PRG flag must be set by the manufacturer of AS-i slave modules during the final manufacturing and configuration process and before an AS-i slave device is delivered to field application users. |