công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAP5S bảng dữ liệu(PDF) 35 Page - Renesas Technology Corp

tên linh kiện SAP5S
Giải thích chi tiết về linh kiện  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SAP5S bảng dữ liệu(HTML) 35 Page - Renesas Technology Corp

Back Button SAP5S Datasheet HTML 31Page - Renesas Technology Corp SAP5S Datasheet HTML 32Page - Renesas Technology Corp SAP5S Datasheet HTML 33Page - Renesas Technology Corp SAP5S Datasheet HTML 34Page - Renesas Technology Corp SAP5S Datasheet HTML 35Page - Renesas Technology Corp SAP5S Datasheet HTML 36Page - Renesas Technology Corp SAP5S Datasheet HTML 37Page - Renesas Technology Corp SAP5S Datasheet HTML 38Page - Renesas Technology Corp SAP5S Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
35
January 28, 2016
• The input data, sampled at the slave with the lowest slave address in the network, is sent back to the
master without any delay. Thus, the input data cycle image is fully captured at the end of an AS-i cycle, just
as in networks without any Synchronous Data I/O Mode slaves. In other words, the input data sampling
point has simply moved to the beginning of the AS-i cycle for all Synchronous Data I/O Mode slaves.
• If the Synchronous Data IO Mode is enabled through EEPROM setting (Synchronous_Data_IO = ‘1’,
P2_Sync_Activation = ‘0’), the first DEXG call that is received by a particular slave after the activation of the
Data Port (Data_Exchange_Disable flag was cleared by a WPAR call) is processed as in standard
operation. This is to capture valid input data for the first slave response and to activate the outputs as
quickly as possible.
• The Data I/O operation is repeated together with the I/O cycle of the other Synchronous Data I/O Mode
slaves in the network at the common trigger event. As a result, the particular slave is now in the
Synchronous Data I/O Mode.
• If the P2_Sync_Activation flag is set to ‘1,’ the Synchronous Data IO Mode can be activated or deactivated
during normal operation by sending Write_Parameter calls containing the appropriate value in P2 (see
Table 5.12).
• If the P2 output register changes from ‘1’ to ‘0,’ the Synchronous Data IO Mode is immediately enabled.
Actual synchronous data I/O operation is reached after reception of the next DEXG call addressing the
slave and the occurrence of the common trigger event. As in standard operation (Synchronous Data IO
Mode is activated by the EEPROM setting), the first DEXG call still processes a data IO operation
immediately. This is to capture valid input data for the slave response and to activate the outputs as quickly
as possible.
• The Data I/O operation is repeated together with the I/O cycle of the other Synchronous Data I/O Mode
slaves in the network at the common trigger event. As a result, the particular slave is now in the
Synchronous Data I/O Mode.
• If the P2 output register changes from ‘0’ to ‘1,’ the Synchronous Data IO Mode is deactivated and disabled
immediately. If a synchronous data I/O event was already scheduled but not yet processed (armed but not
fired) before the Synchronous Data I/O Mode has become deactivated, the associated data output value is
lost.
• If P2 changes back to ‘0,’ reactivation of the Synchronous Data I/O Mode occurs in same manner as
described above.
• To avoid a general suppression of Data I/O in the special case that a slave in Synchronous Data I/O Mode
receives DEXG calls only to its own address (i.e., employment of a handheld programming device), the
Synchronous Data I/O Mode becomes deactivated if the SAP5 receives three consecutive DEXG calls to its
own slave address. The SAP5 resumes to Synchronous Data I/O Mode operation after it has observed a
DEXG call to a slave address that is different from its own. The reactivation of the Synchronous Data I/O
Mode is handled in the same manner for the first DEXG call after activation of the Data Port or after
activation of the Synchronous Data I/O Mode by P2 changing to ‘0’ (see description above).
If any of the data ports D0 to D3 is configured as a pure output (designated as “OUT” in Table 5.14), the SAP5
returns the output data that was received from the master immediately in its slave response. Since there is no
input function available at such ports, the return value is independent from a possible Synchronous Data I/O
Mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com