công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM643 bảng dữ liệu(PDF) 140 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM643
Giải thích chi tiết về linh kiện  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 bảng dữ liệu(HTML) 140 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 136Page - Texas Instruments TMS320DM643 Datasheet HTML 137Page - Texas Instruments TMS320DM643 Datasheet HTML 138Page - Texas Instruments TMS320DM643 Datasheet HTML 139Page - Texas Instruments TMS320DM643 Datasheet HTML 140Page - Texas Instruments TMS320DM643 Datasheet HTML 141Page - Texas Instruments TMS320DM643 Datasheet HTML 142Page - Texas Instruments TMS320DM643 Datasheet HTML 143Page - Texas Instruments TMS320DM643 Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 162 page
background image
www.ti.com
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Table 5-60. Ethernet MAC (EMAC) Control Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01C8 0124
RX1FLOWTHRESH
01C8 0128
RX2FLOWTHRESH
01C8 012C
RX3FLOWTHRESH
01C8 0130
RX4FLOWTHRESH
Reserved. Do not write.
01C8 0134
RX5FLOWTHRESH
01C8 0138
RX6FLOWTHRESH
01C8 013C
RX7FLOWTHRESH
01C8 0140
RX0FREEBUFFER
Receive Channel 0 Free Buffer Count Register
01C8 0144
RX1FREEBUFFER
01C8 0148
RX2FREEBUFFER
01C8 014C
RX3FREEBUFFER
01C8 0150
RX4FREEBUFFER
Reserved. Do not write.
01C8 0154
RX5FREEBUFFER
01C8 0158
RX6FREEBUFFER
01C8 015C
RX7FREEBUFFER
01C8 0160
MACCONTROL
MAC Control Register
01C8 0164
MACSTATUS
MAC Status Register (RXQOSACT field is reserved.)
01C8 0168 – 01C8 016C
–
Reserved
01C8 0170
TXINTSTATRAW
Transmit Interrupt Status (Unmasked) Register
01C8 0174
TXINTSTATMASKED
Transmit Interrupt Status (Masked) Register
01C8 0178
TXINTMASKSET
Transmit Interrupt Mask Set Register
01C8 017C
TXINTMASKCLEAR
Transmit Interrupt Mask Clear Register
01C8 0180
MACINVECTOR
MAC Input Vector Register
01C8 0184 – 01C8 018F
–
Reserved
Receive Interrupt Status (Unmasked) Register
01C8 0190
RXINTSTATRAW
(Bits 7–1 are reserved.)
Receive Interrupt Status (Masked) Register
01C8 0194
RXINTSTATMASKED
(Bits 7–1 are reserved.)
Receive Interrupt Mask Set Register
01C8 0198
RXINTMASKSET
(Bits 7–1 are reserved and only support writes of 0.)
Receive Interrupt Mask Clear Register
01C8 019C
RXINTMASKCLEAR
(Bits 7–1 are reserved and only support writes of 0.)
01C8 01A0
MACINTSTATRAW
MAC Interrupt Status (Unmasked) Register
01C8 01A4
MACINTSTATMASKED
MAC Interrupt Status (Masked) Register
01C8 01A8
MACINTMASKSET
MAC Interrupt Mask Set Register
01C8 01AC
MACINTMASKCLEAR
MAC Interrupt Mask Clear Register
01C8 01B0
MACADDRL0
MAC Address Channel 0 Lower Byte Register
01C8 01B4
MACADDRL1
01C8 01B8
MACADDRL2
01C8 01BC
MACADDRL3
01C8 01C0
MACADDRL4
Reserved. Do not write.
01C8 01C4
MACADDRL5
01C8 01C8
MACADDRL6
01C8 01CC
MACADDRL7
01C8 01D0
MACADDRM
MAC Address Middle Byte Register
01C8 01D4
MACADDRH
MAC Address High Bytes Register
01C8 01D8
MACHASH1
MAC Address Hash 1 Register
01C8 01DC
MACHASH2
MAC Address Hash 2 Register
DM643 Peripheral Information and Electrical Specifications
140
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More