| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM643 bảng dữ liệu(PDF) 85 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM643 bảng dữ liệu(HTML) 85 Page - Texas Instruments |
|
85 / 162 page ![]() www.ti.com 4 5 1 2 AECLKIN AECLKOUT1 3 3 4 5 1 2 AECLKIN AECLKOUT2 3 3 TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007 Table 5-18. Switching Characteristics Over Recommended Operating Conditions for AECLKOUT1 for the EMIFA Module (1) (2) (3) (see Figure 5-17) –500 –600 NO. PARAMETER UNIT MIN MAX 1 tw(EKO1H) Pulse duration, AECLKOUT1 high EH – 0.7 EH + 0.7 ns 2 tw(EKO1L) Pulse duration, AECLKOUT1 low EL – 0.7 EL + 0.7 ns 3 tt(EKO1) Transition time, AECLKOUT1 1 ns 4 td(EKIH-EKO1H) Delay time, AECLKIN high to AECLKOUT1 high 1 8 ns 5 td(EKIL-EKO1L) Delay time, AECLKIN low to AECLKOUT1 low 1 8 ns (1) E = the EMIF input clock (AECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA. (2) The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN. (3) EH is the high period of E (EMIF input clock period) in ns and EL is the low period of E (EMIF input clock period) in ns for EMIFA. Figure 5-17. AECLKOUT1 Timing for the EMIFA Module Table 5-19. Switching Characteristics Over Recommended Operating Conditions for AECLKOUT2 for the EMIFA Module (1) (2) (see Figure 5-18) –500 –600 NO. PARAMETER UNIT MIN MAX 1 tw(EKO2H) Pulse duration, AECLKOUT2 high 0.5NE – 0.7 0.5NE + 0.7 ns 2 tw(EKO2L) Pulse duration, AECLKOUT2 low 0.5NE – 0.7 0.5NE + 0.7 ns 3 tt(EKO2) Transition time, AECLKOUT2 1 ns 4 td(EKIH-EKO2H) Delay time, AECLKIN high to AECLKOUT2 high 1 8 ns 5 td(EKIL-EKO2L) Delay time, AECLKIN low to AECLKOUT2 low 1 8 ns (1) The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN. (2) E = the EMIF input clock (AECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA. N = the EMIF input clock divider; N = 1, 2, or 4. Figure 5-18. AECLKOUT2 Timing for the EMIFA Module Submit Documentation Feedback DM643 Peripheral Information and Electrical Specifications 85 |