công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8309VMADDC bảng dữ liệu(PDF) 44 Page - NXP Semiconductors

tên linh kiện MPC8309VMADDC
Giải thích chi tiết về linh kiện  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309VMADDC bảng dữ liệu(HTML) 44 Page - NXP Semiconductors

Back Button MPC8309VMADDC Datasheet HTML 40Page - NXP Semiconductors MPC8309VMADDC Datasheet HTML 41Page - NXP Semiconductors MPC8309VMADDC Datasheet HTML 42Page - NXP Semiconductors MPC8309VMADDC Datasheet HTML 43Page - NXP Semiconductors MPC8309VMADDC Datasheet HTML 44Page - NXP Semiconductors MPC8309VMADDC Datasheet HTML 45Page - NXP Semiconductors MPC8309VMADDC Datasheet HTML 46Page - NXP Semiconductors MPC8309VMADDC Datasheet HTML 47Page - NXP Semiconductors MPC8309VMADDC Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
44
Freescale Semiconductor
Timers
17 Timers
This section describes the DC and AC electrical specifications for the timers of the MPC8309.
17.1
Timer DC Electrical Characteristics
The following table provides the DC electrical characteristics for the MPC8309 timer pins, including TIN,
TOUT, TGATE, and RTC_PIT_CLK.
17.2
Timer AC Timing Specifications
The following table provides the timer input and output AC timing specifications.
The following figure provides the AC test load for the timers.
Figure 34. Timers AC Test Load
Table 45. Timer DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Output high voltage
VOH
IOH =–6.0mA
2.4
—
V
Output low voltage
VOL
IOL =6.0 mA
—
0.5
V
Output low voltage
VOL
IOL =3.2 mA
—
0.4
V
Input high voltage
VIH
—2.0
OVDD +0.3
V
Input low voltage
VIL
—–0.3
0.8
V
Input current
IIN
0 V
 VIN  OVDD
—
±5
A
Table 46. Timer Input AC Timing Specifications1
Characteristic
Symbol2
Min
Unit
Timers inputs—minimum pulse width
tTIWID
20
ns
Notes:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of SYS_CLK_IN.
Timings are measured at the pin.
2. Timer inputs and outputs are asynchronous to any visible clock. Timer outputs should be synchronized before use by any
external synchronous logic. Timer inputs are required to be valid for at least tTIWID ns to ensure proper operation.
Output
Z0 = 50 
OVDD/2
RL = 50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com