công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XC6220D301PR bảng dữ liệu(PDF) 12 Page - Torex Semiconductor

tên linh kiện XC6220D301PR
Giải thích chi tiết về linh kiện  1A LDO Voltage Regulator with “Green Operation”
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOREX [Torex Semiconductor]
Trang chủ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D301PR bảng dữ liệu(HTML) 12 Page - Torex Semiconductor

Back Button XC6220D301PR Datasheet HTML 8Page - Torex Semiconductor XC6220D301PR Datasheet HTML 9Page - Torex Semiconductor XC6220D301PR Datasheet HTML 10Page - Torex Semiconductor XC6220D301PR Datasheet HTML 11Page - Torex Semiconductor XC6220D301PR Datasheet HTML 12Page - Torex Semiconductor XC6220D301PR Datasheet HTML 13Page - Torex Semiconductor XC6220D301PR Datasheet HTML 14Page - Torex Semiconductor XC6220D301PR Datasheet HTML 15Page - Torex Semiconductor XC6220D301PR Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12/26
XC6220 Series
■
NOTES ON USE
<CL Discharge Function>
The XC6220B/D series can quickly discharge the electric charge at the output capacitor (CL) via the N-channel transistor
located between the VOUT pin and the VSS pin, when a low signal is inputted to the CE pin, which enables the whole IC circuit
put into an OFF state (cf. BLOCK DIAGRAM).
(VOUT pin voltage) ÷ (N-channel transistor through current) = CL discharge resistance (RDCHG)
The CL auto-discharge resistance value is fixed to 460Ω(VIN=6.0V, VOUT=5.0V at TYP.). The discharge time of the output
capacitor (CL) is set by the CL auto-discharge resistance (RDCHG) and the output capacitor (CL). By setting a time constant of
the CL auto-discharge resistance value [RDCHG] and an output capacitor value (CL) as τ(τ=C x RDCHG), the output voltage
after discharge via the N-channel transistor is calculated by the following formulas.
V = VOUT(E) x e –t/τ, or t=τln( VOUT(E) / V )
where
V : Output voltage after discharge
VOUT(E) : Output voltage
t: Discharge time
τ
: CL auto-discharge resistance RDCHG×Output capacitor (CL) value C)
<Inrush Current Prevention>
The XC6220 series includes an inrush current Prevention circuit.
The inrush current protection circuit suppresses inrush current charged to CL when the IC starts up to 700 mA (MAX.) for
approximately 1ms.
* Please note that the device can not provide the output current beyond 700 mA for a period of approximately 1ms after the
CE pin goes high.
■
OPERATIONAL EXPLANATION (Continued)
1. For temporary, transitional voltage drop or voltage rising phenomenon, the IC is liable to malfunction should the ratings be
exceeded.
2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output
current. Please strengthen VIN and VSS wiring in particular.
3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
4. As for the XC6220A/C series (semi-custom), the output voltage may float with a leakage current of the driver transistor
between VIN and VOUT and R1+R2 resistance while stand-by (operation stop). Please take consideration of this and check it
before use.
5. Torex places an importance on improving our products and their reliability. We request that users incorporate fail-safe
designs and post-aging protection treatment when using Torex products in their systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com