công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M58WT064KB bảng dữ liệu(PDF) 43 Page - Numonyx B.V

tên linh kiện M58WT064KB
Giải thích chi tiết về linh kiện  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT064KB bảng dữ liệu(HTML) 43 Page - Numonyx B.V

Back Button M58WT064KB Datasheet HTML 39Page - Numonyx B.V M58WT064KB Datasheet HTML 40Page - Numonyx B.V M58WT064KB Datasheet HTML 41Page - Numonyx B.V M58WT064KB Datasheet HTML 42Page - Numonyx B.V M58WT064KB Datasheet HTML 43Page - Numonyx B.V M58WT064KB Datasheet HTML 44Page - Numonyx B.V M58WT064KB Datasheet HTML 45Page - Numonyx B.V M58WT064KB Datasheet HTML 46Page - Numonyx B.V M58WT064KB Datasheet HTML 47Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Configuration Register
43/117
8.9
Burst length bits (CR2-CR0)
The burst length bits set the number of words to be output during a synchronous burst read
operation as result of a single address latch cycle. They can be set for 4 words, 8 words, 16
words or continuous burst, where all the words are read sequentially.
In continuous burst mode the burst sequence can cross bank boundaries.
In continuous burst mode or in 4, 8, 16 words no-wrap, depending on the starting address,
the device asserts the WAIT output to indicate that a delay is necessary before the data is
output.
If the starting address is aligned to a 4 word boundary no wait states are needed and the
WAIT output is not asserted.
If the starting address is shifted by 1, 2 or 3 positions from the 4-word boundary, WAIT is
asserted for 1, 2 or 3 clock cycles when the burst sequence crosses the first 16 word
boundary to indicate that the device needs an internal delay to read the successive words in
the array. WAIT is asserted only once during a continuous burst access. See also Table 12:
Burst type definition.
CR14, CR5 and CR4 are reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com