| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F15213 bảng dữ liệu(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F15213 bảng dữ liệu(HTML) 1 Page - Microchip Technology |
|
1 / 408 page ![]() PIC16F15225/45 PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers Introduction The PIC16F152 microcontroller family is available in 8/14/16/20/28/40/44-pin packages for cost-sensitive sensor and real-time control applications. The PIC16F152 family’s simplified feature set includes a 10-bit Analog-to-Digital Converter (ADC), Peripheral Pin Select (PPS), digital communication peripherals, timers and waveform generators. This microcontroller family also provides memory features, such as the Memory Access Partition (MAP) to support users in data protection and bootloader applications, and a Device Information Area (DIA) that stores Fixed Voltage Reference (FVR) offset values to help improve ADC accuracy. PIC16F152 Family Types Table 1. Devices Included in This Data Sheet PIC16F15225 14k 1024 Y/Y 12/Y 1/2 2/2 9/2 1 1 Y 1 12 Y PIC16F15245 14k 1024 Y/Y 18/Y 1/2 2/2 12/2 1 1 Y 1 18 Y © 2020 Microchip Technology Inc. Preliminary Datasheet DS20006389B-page 1 |
Số phần tương tự - PIC16F15213 |
|
Mô tả tương tự - PIC16F15213 |