| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5706PAPR bảng dữ liệu(PDF) 42 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5706PAPR bảng dữ liệu(HTML) 42 Page - Texas Instruments |
|
42 / 62 page ![]() www.ti.com TAS5706 SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007 Table 2. Serial Control Interface Register Summary (continued) NO. OF INITIALIZATION SUBADDRESS REGISTER NAME CONTENTS BYTES VALUE 0x35 ch2_bq[5] 20 u[31:26], b0[25:0] 0x0080 0000 u[31:26], b1[25:0] 0x0000 0000 u[31:26], b2[25:0] 0x0000 0000 u[31:26], a1[25:0] 0x0000 0000 u[31:26], a2[25:0] 0x0000 0000 0x36 ch2_bq[6] 20 u[31:26], b0[25:0] 0x0080 0000 u[31:26], b1[25:0] 0x0000 0000 u[31:26], b2[25:0] 0x0000 0000 u[31:26], a1[25:0] 0x0000 0000 u[31:26], a2[25:0] 0x0000 0000 0x37 ch6_bq[0] 20 u[31:26], b0[25:0] 0x0080 0000 u[31:26], b1[25:0] 0x0000 0000 u[31:26], b2[25:0] 0x0000 0000 u[31:26], a1[25:0] 0x0000 0000 u[31:26], a2[25:0] 0x0000 0000 0x38 ch6_bq[1] 20 u[31:26], b0[25:0] 0x0080 0000 u[31:26], b1[25:0] 0x0000 0000 u[31:26], b2[25:0] 0x0000 0000 u[31:26], a1[25:0] 0x0000 0000 u[31:26], a2[25:0] 0x0000 0000 0x39 4 Reserved(4) 0x3A DRC1 ae 8 u[31:26], ae[25:0] 0x0080 0000 DRC1 (1 – ae) u[31:26], (1 – ae)[25:0] 0x0000 0000 0x3B DRC1 aa 8 u[31:26], aa[25:0] 0x0080 0000 DRC1 (1 – aa) u[31:26], (1 – aa)[25:0] 0x0000 0000 0x3C DRC1 ad 8 u[31:26], ad[25:0] 0x0080 0000 DRC1 (1 – ad) u[31:26], (1 – ad)[25:0] 0x0000 0000 0x3D DRC2 ae 8 u[31:26], ae[25:0] 0x0080 0000 DRC 2 (1 – ae) u[31:26], (1 – ae)[25:0] 0x0000 0000 0x3E DRC2 aa 8 u[31:26], aa[25:0] 0x0080 0000 DRC2 (1 – aa) u[31:26], (1 – aa)[25:0] 0x0000 0000 0x3F DRC2 ad 8 u[31:26], ad[25:0] 0x0080 0000 DRC2 (1 – ad) u[31:26], (1 – ad)[27::0] 0x0000 0000 0x40 DRC1-T 4 T1[31:0] 0xFDA2 1490 0x41 DRC1-K 4 u[31:26], k1[25:0] 0x0384 2109 0x42 DRC1-O 4 u[31:24], O[23:16], O1[15:0] 0x0008 4210 0x43 DRC2-T 4 T2[31:0] 0xFDA2 1490 0x44 DRC2-K 4 u[31:24], k2'[22:0] 0x0384 2109 0x45 DRC2-O 4 u[31:24], O2[25:0] 0x0008 4210 0x46 DRC control 4 u[31:2], ch6[1], ch1_5[0] 0x0000 0000 0x47–0x49 4 Reserved(4) 0x0000 0000 0x50 4 Bank update command register 0x0000 0000 0x51–0xFF 4 Reserved(4) 0x0000 0000 (4) Reserved registers should not be accessed. 42 Submit Documentation Feedback Copyright © 2007, Texas Instruments Incorporated Product Folder Link(s): TAS5706 |