công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M3G150-IF bảng dữ liệu(PDF) 2 Page - ebm-papst

tên linh kiện M3G150-IF
Giải thích chi tiết về linh kiện  EC centrifugal module - RadiPac
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EBMPAPST [ebm-papst]
Trang chủ  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M3G150-IF bảng dữ liệu(HTML) 2 Page - ebm-papst

  M3G150-IF Datasheet HTML 1Page - ebm-papst M3G150-IF Datasheet HTML 2Page - ebm-papst M3G150-IF Datasheet HTML 3Page - ebm-papst M3G150-IF Datasheet HTML 4Page - ebm-papst M3G150-IF Datasheet HTML 5Page - ebm-papst M3G150-IF Datasheet HTML 6Page - ebm-papst M3G150-IF Datasheet HTML 7Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EC centrifugal module - RadiPac
backward curved, single inlet
with support bracket
K3G450-PB24-05
Technical features
Mass
48.2 kg
Size
450 mm
Motor size
150
Surface of rotor
Coated in black
Material of electronics housing
Die-cast aluminium
Material of impeller
Aluminium sheet
Material of mounting plate
Sheet steel, galvanised
Material of support bracket
Steel, coated in black
Material of inlet nozzle
Sheet steel, galvanised
Number of blades
5
Direction of rotation
Clockwise, seen on rotor
Type of protection
IP55
Insulation class
"F"
Humidity (F) / environmental
protection class (H)
H1
Max. permissible ambient motor
temp. (transp./ storage)
+80 °C
Min. permissible ambient motor
temp. (transp./storage)
-40 °C
Mounting position
Refer to product drawing
Condensation drainage holes
Rotor-side
Operation mode
S1
Motor bearing
Ball bearing
Technical features
- Output 10 VDC, max. 10 mA
- Output 20 VDC, max. 50 mA
- Output for slave 0-10 V
- Operation and alarm display
- Input for sensor 0-10 V or 4-20 mA
- External 24 V input (programming)
- External release input
- Alarm relay
- Integrated PID controller
- Output limit
- Motor current limit
- PFC, passive
- RS485 MODBUS RTU
- Soft start
- Control input 0-10 VDC / PWM
- Control interface with SELV potential safely disconnected from the mains
- Over-temperature protected electronics / motor
- Line undervoltage / phase failure detection
EMC interference immunity
Acc. to EN 61000-6-2 (industrial environment)
EMC interference emission
Acc. to EN 61000-6-3 (household environment), except EN 61000-3-2 for professionally
used devices with a total rated power greater than 1 kW
Touch current acc. IEC 60990
(measuring network Fig. 4, TN
system)
<= 3.5 mA
Electrical connection
Terminal box
Motor protection
Reverse polarity and locked-rotor protection
Item no. 55166-5-9980 · ENG · Revision 202515 · Release 2019-03-27 · Page 2 / 7
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com