| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6624P0LP bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 106 page ![]() Register map VL6624/VS6624 54/106 0x03ba fHorizontalMirror0 Default Value: 0x00 Purpose Horizontal image orientation flip Type Flag_e Possible values <0> FALSE <1> TRUE 0x03bc fVerticalFlip0 Default Value: 0x00 Purpose Vertical image orientation flip Type Flag_e Possible values <0> FALSE <1> TRUE 0x03be bChannelD Default value 0x00 Purpose Logical DMA Channel Number Type BYTE Possible values 0 to 6 1. Can be controlled in all stable state. # denotes registers where changes will only be consumed during the transition to a RUN state. 2. It is possible to switch between any YCrCb (422) mode, RGB mode and Bayer 10bit or move between YCrCb 400 and a bayer8 mode without a requiring a transition to STOP, it is not possible to move between these groups of modes without first a transition to STOP then a BOOT. Table 13. Pipe setup bank0 Index PipeSetupBank0(1) |