| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA8135G bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA8135G bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 41 page ![]() 3 General description 3.1 Multi-constellation and multi-band The constellations that STA8135G supports are the following ones: • GPS (L1 C/A, L2C, and L5) • GLONASS (L1OF, L2OF) • BeiDou (B1C, B1I, B2a, B2I) • GALILEO (E1, E5a, E5b, E6) • QZSS (L1 C/A, L2C, L5) • NAVIC - former IRNSS (L5) Carrier phase raw measurements are also provided. STA8135G supports a wide range of combinations of such signals and bands without the need of external RF front end. The most important GNSS user cases that can be supported by STA8135G are listed in the below table. Each of those cases would require a dedicated firmware. Table 9. GNSS user cases Constellation GPS/QZSS Glonass BeiDou Galileo NAVIC SBAS Frequency L1 C/A L2C L5 L1OF L2OF B1I B2I B2A E1 E5b E5A E6 L5 L1 C/A Case 0 X X - X X X - - X - - - - X Case 1 X X - X - X X - X - - - - X Case 2 X X - X - X - - X X - - - X Case 3 X - X X - X - X X - - - - X Case 4 X - X X - X - - X - X - - X Case 5 X - X X - X - - X - - - X X Case 6 X - X - - - - - X - X X - X Case 7 X - X - - X - X X - - - X X Case 8 X - X - - X - - X - X - - X Case 9 X X X - - X X X - - - - - X Case 10 X X X - - - - - X X X - - X Note: Maximum 80 satellites tracked simultaneously. 3.2 RF front end (G5RF) The integrated RF front-end is able to support different bands (L1, L2, L5, and E6) thanks to a programmable and flexible RF-IF chain driven by a fractional PLL. The RF_IF chain is followed by a 3-bit ADC able to convert the IF signal to Sign (SIGN) and Magnitude (MAG1, MAG0) bit. The MAG bit is internally integrated in order to control the variable gain amplifiers. 3.3 Multi-band multi-constellation base band (G5BB) processor STA8135G integrates G5BB proprietary IP, which is the STMicroelectronics latest generation high-sensitivity baseband processor fully compliant with all different constellations and bands: GPS, Galileo, GLONASS, BeiDou, NAVIC (former IRNSS) and QZSS systems. 3.4 L-band reception path The STA8135G can manage L-band signals for correction service through the integrated STA5635. STA8135G General description DS14788 - Rev 1 page 13/41 |