công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP65H480G4JSG bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện TP65H480G4JSG
Giải thích chi tiết về linh kiện  650V SuperGaN® GaN FET in PQFN 5 x 6 Performance Package (source tab)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TP65H480G4JSG bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  TP65H480G4JSG Datasheet HTML 1Page - Renesas Technology Corp TP65H480G4JSG Datasheet HTML 2Page - Renesas Technology Corp TP65H480G4JSG Datasheet HTML 3Page - Renesas Technology Corp TP65H480G4JSG Datasheet HTML 4Page - Renesas Technology Corp TP65H480G4JSG Datasheet HTML 5Page - Renesas Technology Corp TP65H480G4JSG Datasheet HTML 6Page - Renesas Technology Corp TP65H480G4JSG Datasheet HTML 7Page - Renesas Technology Corp TP65H480G4JSG Datasheet HTML 8Page - Renesas Technology Corp TP65H480G4JSG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Datasheet
TP65H480G4JSG
650V SuperGaN® GaN FET in PQFN 5 x 6 Performance Package (source tab)
R07DS1667EU0101 Rev.1.01
Nov 21, 2025
Page 1
© 2025 Renesas Electronics
Description
The TP65H480G4JSG 650V, 480mΩ Gallium Nitride
(GaN) FET is a normally-off device using Renesas’
Gen IV platform. It combines a state-of-the-art high
voltage GaN HEMT with a low-voltage silicon
MOSFET to offer superior reliability and performance
while enabling reduced system size and cost.
The Gen IV SuperGaN® platform uses advanced epi
and patented design technologies to simplify
manufacturability while improving efficiency over
silicon via lower gate charge, output capacitance,
crossover loss, and reverse recovery charge.
Benefits
■
Achieves increased efficiency in both hard- and
soft-switched circuits
●
Increased power density
●
Reduced system size and weight
●
Overall lower system cost
■
Easy to drive with commonly used gate drivers
Product/Schematic Diagrams
TP65H480G4JSG PQFN 5x6 PP
Cascode Schematic Symbol
Cascode Device Structure
(MOSFET has integrated ESD Protection
Circuit)
Features
■
Gen IV technology
■
JEDEC-qualified GaN technology
■
Dynamic RDS(on)eff production tested
■
Robust design, defined by
●
Transient over-voltage capability
●
Operation with E-mode Gate drivers without
need for Zener protection
■
Negligible Qrr
■
Reduced crossover loss
■
RoHS compliant and Halogen-free packaging
■
2kV HBM ESD rating
Applications
■
Consumer
■
Power adapters
■
Low power SMPS
■
Lighting
Key Specifications
VDS (V)
650
VDSS(TR)(V)
800
RDS(on) (mΩ) maximum [1]
560
QOSS (nC) typical
9.2
QG (nC) typical
5.2
1.
Dynamic RDS(on); see Figure 17 and Figure 18.


Số phần tương tự - TP65H480G4JSG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transphorm Inc
TP65H480G4JSG TRANSPHORM-TP65H480G4JSG Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
September 12, 2023
TP65H480G4JSG-TR TRANSPHORM-TP65H480G4JSG-TR Datasheet
1Mb / 13P
650V SuperGaNTM GaN FET in PQFN (source tab)
TP65H480G4JSG-TR TRANSPHORM-TP65H480G4JSG-TR Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
September 12, 2023
logo
Renesas Technology Corp
TP65H480G4JSGB RENESAS-TP65H480G4JSGB Datasheet
812Kb / 12P
650V SuperGaN® GaN FET in PQFN 5 × 6 Industry Standard Package (source tab)
Nov 21, 2025
TP65H480G4JSGB-TR RENESAS-TP65H480G4JSGB-TR Datasheet
812Kb / 12P
650V SuperGaN® GaN FET in PQFN 5 × 6 Industry Standard Package (source tab)
Nov 21, 2025
More results

Mô tả tương tự - TP65H480G4JSG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transphorm Inc
TP65H070G4LSG TRANSPHORM-TP65H070G4LSG Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
August 24, 2023
TP65H070G4LSGB TRANSPHORM-TP65H070G4LSGB Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
Nov. 7, 2023
TP65H070G4PS TRANSPHORM-TP65H070G4PS Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
Dec. 4, 2023
TP65H070G4RS TRANSPHORM-TP65H070G4RS Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
October 31, 2023
TP65H150BG4JSG TRANSPHORM-TP65H150BG4JSG Datasheet
988Kb / 12P
650V SuperGaN GaN FET in PQFN (source tab)
November 7, 2023
TP65H150G4LSG TRANSPHORM-TP65H150G4LSG Datasheet
1Mb / 12P
650V SuperGaN GaN FET in PQFN (source tab)
September 12, 2023
TP65H150G4LSGB TRANSPHORM-TP65H150G4LSGB Datasheet
1,019Kb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
August 31, 2023
TP65H300G4JSGB TRANSPHORM-TP65H300G4JSGB Datasheet
1,023Kb / 13P
650V SuperGaN® GaN FET in PQFN (source tab)
Apr. 12, 2023
TP65H300G4LSGB TRANSPHORM-TP65H300G4LSGB Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
October 30, 2023
TP65H480G4JSG TRANSPHORM-TP65H480G4JSG Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
September 12, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com