công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD5372EBZ bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện EVAL-AD5372EBZ
Giải thích chi tiết về linh kiện  32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5372EBZ bảng dữ liệu(HTML) 3 Page - Analog Devices

  EVAL-AD5372EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD5372EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD5372EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5372EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5372EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5372EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5372EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5372EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5372EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD5372/AD5373
Rev. C | Page 3 of 28
GENERAL DESCRIPTION
The AD5372/AD5373 contain 32 16-/14-bit DACs in 64-lead
LQFP and LFCSP packages. The devices provide buffered
voltage outputs with a nominal span of 4× the reference voltage.
The gain and offset of each DAC can be independently trimmed
to remove errors. For even greater flexibility, the device is divided
into four groups of eight DACs. Two offset DACs allow the
output range of the groups to be altered. Group 0 can be adjusted
by Offset DAC 0, and Group 1 to Group 3 can be adjusted by
Offset DAC 1.
The AD5372/AD5373 offer guaranteed operation over a wide
supply range: VSS from −16.5 V to −4.5 V and VDD from 9 V to
16.5 V. The output amplifier headroom requirement is 1.4 V
operating with a load current of 1 mA.
The AD5372/AD5373 have a high speed serial interface that is
compatible with SPI, QSPI™, MICROWIRE™, and DSP inter-
face standards and can handle clock speeds of up to 50 MHz.
The DAC registers are updated on reception of new data. All
the outputs can be updated simultaneously by taking the LDAC
input low. Each channel has a programmable gain and an offset
adjust register.
Each DAC output is gained and buffered on chip with respect
to an external SIGGNDx input. The DAC outputs can also be
switched to SIGGNDx via the CLR pin.
Table 1. High Channel Count Bipolar DACs
Model
Resolution (Bits)
Nominal Output Span
Output Channels
Linearity Error (LSB)
AD5360
16
4 × VREF (20 V)
16
±4
AD5361
14
4 × VREF (20 V)
16
±1
AD5362
16
4 × VREF (20 V)
8
±4
AD5363
14
4 × VREF (20 V)
8
±1
AD5370
16
4 × VREF (12 V)
40
±4
AD5371
14
4 × VREF (12 V)
40
±1
AD5372
16
4 × VREF (12 V)
32
±4
AD5373
14
4 × VREF (12 V)
32
±1
AD5378
14
±8.75 V
32
±3
AD5379
14
±8.75 V
40
±3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com