công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY7C144-35AI bảng dữ liệu(PDF) 14 Page - Cypress Semiconductor

tên linh kiện CY7C144-35AI
Giải thích chi tiết về linh kiện  8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C144-35AI bảng dữ liệu(HTML) 14 Page - Cypress Semiconductor

Back Button CY7C144-35AI Datasheet HTML 10Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 11Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 12Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 13Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 14Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 15Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 16Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 17Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
CY7C144
CY7C145
Document #: 38-06034 Rev. *C
Page 14 of 20
Architecture
The CY7C144/5 consists of a an array of 8K words of 8/9 bits
each of dual-port RAM cells, I/O and address lines, and control
signals (CE, OE, R/W). These control pins permit independent
access for reads or writes to any location in memory. To handle
simultaneous writes/reads to the same location, a BUSY pin is
provided on each port. Two interrupt (INT) pins can be utilized
for port-to-port communication. Two semaphore (SEM) control
pins are used for allocating shared resources. With the M/S
pin, the CY7C144/5 can function as a Master (BUSY pins are
outputs) or as a slave (BUSY pins are inputs). The CY7C144/5
has an automatic power-down feature controlled by CE. Each
port is provided with its own output enable control (OE), which
allows data to be read from the device.
Functional Description
Write Operation
Data must be set up for a duration of tSD before the rising edge
of R/W in order to guarantee a valid write. A write operation is
controlled by either the OE pin (see Write Cycle No.1
waveform) or the R/W pin (see Write Cycle No. 2 waveform).
Data can be written to the device tHZOE after the OE is
deasserted or tHZWE after the falling edge of R/W. Required
inputs for non-contention operations are summarized in
Table 1.
If a location is being written to by one port and the opposite
port attempts to read that location, a port-to-port flowthrough
delay must be met before the data is read on the output;
otherwise the data read is not deterministic. Data will be valid
on the port tDDD after the data is presented on the other port.
Read Operation
When reading the device, the user must assert both the OE
and CE pins. Data will be available tACE after CE or tDOE after
OE are asserted. If the user of the CY7C144/5 wishes to
access a semaphore flag, then the SEM pin must be asserted
instead of the CE pin.
Interrupts
The interrupt flag (INT) permits communications between
ports.When the left port writes to location 1FFF, the right port’s
interrupt flag (INTR) is set. This flag is cleared when the right
port reads that same location. Setting the left port’s interrupt
flag (INTL) is accomplished when the right port writes to
location 1FFE. This flag is cleared when the left port reads
location 1FFE. The message at 1FFF or 1FFE is user-defined.
See Table 2 for input requirements for INT. INTR and INTL are
push-pull outputs and do not require pull-up resistors to
operate.
Busy
The CY7C144/5 provides on-chip arbitration to alleviate simul-
taneous memory location access (contention). If both ports’
CEs are asserted and an address match occurs within tPS of
each other the Busy logic will determine which port has
access. If tPS is violated, one port will definitely gain
permission to the location, but it is not guaranteed which one.
BUSY will be asserted tBLA after an address match or tBLC
after CE is taken LOW. BUSYL and BUSYR in master mode
are push-pull outputs and do not require pull-up resistors to
operate.
Master/Slave
An M/S pin is provided in order to expand the word width by
configuring the device as either a master or a slave. The BUSY
output of the master is connected to the BUSY input of the
slave. This will allow the device to interface to a master device
with no external components.Writing of slave devices must be
delayed until after the BUSY input has settled. Otherwise, the
slave chip may begin a write cycle during a contention
situation.When presented a HIGH input, the M/S pin allows the
device to be used as a master and therefore the BUSY line is
an output. BUSY can then be used to send the arbitration
outcome to a slave.
Semaphore Operation
The CY7C144/5 provides eight semaphore latches which are
separate from the dual-port memory locations. Semaphores
are used to reserve resources that are shared between the two
ports.The state of the semaphore indicates that a resource is
in use. For example, if the left port wants to request a given
resource, it sets a latch by writing a 0 to a semaphore location.
The left port then verifies its success in setting the latch by
reading it. After writing to the semaphore, SEM or OE must be
deasserted for tSOP before attempting to read the semaphore.
The semaphore value will be available tSWRD + tDOE after the
rising edge of the semaphore write. If the left port was
successful (reads a 0), it assumes control over the shared
resource, otherwise (reads a 1) it assumes the right port has
control and continues to poll the semaphore.When the right
side has relinquished control of the semaphore (by writing a
1), the left side will succeed in gaining control of the
semaphore. If the left side no longer requires the semaphore,
a 1 is written to cancel its request.
Semaphores are accessed by asserting SEM LOW. The SEM
pin functions as a chip enable for the semaphore latches (CE
must remain HIGH during SEM LOW). A0–2 represents the
semaphore address. OE and R/W are used in the same
manner as a normal memory access.When writing or reading
a semaphore, the other address pins have no effect.
When writing to the semaphore, only I/O0 is used. If a 0 is
written to the left port of an unused semaphore, a 1 will appear
at the same semaphore address on the right port. That
semaphore can now only be modified by the side showing 0
(the left port in this case). If the left port now relinquishes
control by writing a 1 to the semaphore, the semaphore will be
set to 1 for both sides. However, if the right port had requested
the semaphore (written a 0) while the left port had control, the
right port would immediately own the semaphore as soon as
the left port released it. Table 3 shows sample semaphore
operations.
When reading a semaphore, all eight/nine data lines output the
semaphore value. The read value is latched in an output
register to prevent the semaphore from changing state during
a write from the other port. If both ports attempt to access the
semaphore within tSPS of each other, the semaphore will
definitely be obtained by one side or the other, but there is no
guarantee which side will control the semaphore.
Initialization of the semaphore is not automatic and must be
reset
during
initialization
program
at
power-up.
All
Semaphores on both sides should have a one written into
them at initialization from both sides to assure that they will be
free when needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com