công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISO6420FDWVR bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện ISO6420FDWVR
Giải thích chi tiết về linh kiện  ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6420FDWVR bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ISO6420FDWVR Datasheet HTML 4Page - Texas Instruments ISO6420FDWVR Datasheet HTML 5Page - Texas Instruments ISO6420FDWVR Datasheet HTML 6Page - Texas Instruments ISO6420FDWVR Datasheet HTML 7Page - Texas Instruments ISO6420FDWVR Datasheet HTML 8Page - Texas Instruments ISO6420FDWVR Datasheet HTML 9Page - Texas Instruments ISO6420FDWVR Datasheet HTML 10Page - Texas Instruments ISO6420FDWVR Datasheet HTML 11Page - Texas Instruments ISO6420FDWVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
6.6 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Plan to certify according
to DIN EN IEC 60747-17
(VDE 0884-17)
Plan to certify according
to IEC 62368-1, IEC
61010-1 and IEC 60601
Plan to certify according
to UL 1577 Component
Recognition Program
Plan to certify according to
GB4943.1
Plan to certify according
to EN 61010-1 and EN
62368-1
Certificate planned
Certificate planned
Certificate planned
Certificate planned
Certificate planned
6.7 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D-8 Package
IS
Safety input, output, or supply current
RθJA = 139.7°C/W, VI = 5.5V, TJ = 150°C,
TA = 25°C
162.7
mA
RθJA = 139.7°C/W, VI = 3.6V, TJ = 150°C,
TA = 25°C
248.5
mA
RθJA = 139.7°C/W, VI = 2.75V, TJ =
150°C, TA = 25°C
325.4
PS
Safety input, output, or total power
RθJA = 139.7°C/W, TJ = 150°C, TA = 25°C
894.8
mW
TS
Maximum safety temperature
150
°C
DWV-8 Package
IS
Safety input, output, or supply current
RθJA = 128.1°C/W, VI = 5.5V, TJ = 150°C,
TA = 25°C
177.4
mA
IS
Safety input, output, or supply current
RθJA = 128.1°C/W, VI = 3.6V, TJ = 150°C,
TA = 25°C
271.1
mA
IS
Safety input, output, or supply current
RθJA = 128.1°C/W, VI = 2.75V, TJ =
150°C, TA = 25°C
354.8
mA
PS
Safety input, output, or total power
RθJA = 128.1°C/W, TJ = 150°C, TA = 25°C
975.8
mW
TS
Maximum safety temperature
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The
IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
ISO6420, ISO6421
SLLSG12 – AUGUST 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO6420 ISO6421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com