công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISO6420FDWVR bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện ISO6420FDWVR
Giải thích chi tiết về linh kiện  ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6420FDWVR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ISO6420FDWVR Datasheet HTML 2Page - Texas Instruments ISO6420FDWVR Datasheet HTML 3Page - Texas Instruments ISO6420FDWVR Datasheet HTML 4Page - Texas Instruments ISO6420FDWVR Datasheet HTML 5Page - Texas Instruments ISO6420FDWVR Datasheet HTML 6Page - Texas Instruments ISO6420FDWVR Datasheet HTML 7Page - Texas Instruments ISO6420FDWVR Datasheet HTML 8Page - Texas Instruments ISO6420FDWVR Datasheet HTML 9Page - Texas Instruments ISO6420FDWVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC_RO (1)
Supply Voltage Side 1
(Recommended Operating
Range)
VCC1 = 2.5V to 5V (3)
2.25
5.5
V
Supply Voltage Side
2 (Recommended Operating
Range)
VCC2 = 2.5V to 5V (3)
2.25
5.5
V
VCC_UVLO+
VCC UVLO threshold when supply voltage is rising
2.24
V
VCC_UVLO–
VCC UVLO threshold when supply voltage is falling
1.6
V
VCC_UVLO_HYS VCC Supply voltage UVLO hysteresis
0.1
V
VIH(INx)
Input: High level Input voltage
0.7 × VCCI
(2)
VCCI
V
VIL(INx)
Input: Low level Input voltage
0
0.3 × VCCI
V
IOH
Output: High level output current
VCCO = 5V (2)
-4
mA
VCCO = 3.3V (2)
-2
mA
VCCO = 2.5V (2)
-1
mA
IOL
Output: Low level output current
VCCO = 5V (2)
4
mA
VCCO = 3.3V (2)
2
mA
VCCO = 2.5V (2)
1
mA
DR
Data Rate
3.0V ≤ VCCx ≤ 5.5V and CL≤
15pF(4)
0
150
Mbps
2.25V ≤ VCCx < 3V and CL≤
10pF(4)
0
150
Mbps
2.25V ≤ VCCx < 3V and 10pF <
CL≤ 15pF(4)
0
100
Mbps
TA
Ambient temperature
-40
25
125
°C
(1)
VCC1 and VCC2 can be set independent of one another
(2)
VCCI = Input-side VCC; VCCO = Output-side VCC
(3)
The channel outputs are in undetermined state when VCC_UVLO– ≤ VCC1, VCC2 < VCC_RO(MIN).
(4)
See Section 7 .
6.4 Thermal Information
THERMAL METRIC(1)
UNIT
PACKAGE
PINS
RθJA
RθJC(top)
RθJB
ψJT
ψJB
RθJC(bot)
D (SOIC)
8
139.7
80.4
87.6
38.8
85.9
NA
°C/W
DWV (Wide-SOIC)
8
128.1
65.4
86.9
40.9
84.4
NA
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
ISO6420, ISO6421
SLLSG12 – AUGUST 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO6420 ISO6421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com