| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN8818D/KDX bảng dữ liệu(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8818D/KDX bảng dữ liệu(HTML) 5 Page - Microchip Technology |
|
5 / 101 page ![]() LAN8818D © 2026 Microchip Technology Inc. and its subsidiaries DS00005832C-page 5 POR Power On Ready PTP Precision Time Protocol QSGMII Quad Serial Gigabit Media Independent Interface Q-USGMII Quad USGMII. See USGMII. RESERVED Refers to a reserved bit field or address. Unless otherwise noted, reserved bits must always be zero for write operations. Unless otherwise noted, values are not guaran- teed when reading reserved bits. Unless otherwise noted, do not read or write to reserved addresses. SerDes Serializer/Deserializer SFD Start of Frame Delimiter. The 8-bit value indicating the end of the preamble of an Ethernet frame. SMD Start mPacket Delimiter SNR Signal to Noise Ratio SoC System-on-Chip SOF Start of Frame SPD Start of Packet Delimiter. Used in QSGMII Software Power-Down SPI Serial Peripheral Interface SQI Signal Quality Index STI Serial Timestamp Interface TC IEEE-1588 Transparent Clock. See E2E TC and P2P TC. TDR Time Domain Reflectometry TOD Time Of Day TS Timestamp TSN Time Sensitive Networking TSU Time Stamp Unit UDP User Datagram Protocol. A connectionless protocol run on top of IP networks. USGMII Universal Serial Gigabit Media Independent Interface. See also Q-USGMII. UTP Unshielded Twisted Pair TABLE 1-1: GENERAL TERMS (CONTINUED) Term Description |