| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN8804D bảng dữ liệu(PDF) 78 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8804D bảng dữ liệu(HTML) 78 Page - Microchip Technology |
|
78 / 89 page ![]() LAN8804D DS00003591K-page 78 © 2026 Microchip Technology Inc. and its subsidiaries 7.2 Package Drawings Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging FIGURE 7-1: 128-TQFP PACKAGE (DRAWING) 0.20 C A–B D 0.20 C A–B D 0.07 C A–B D C SEATING PLANE NOTE 1 4X 32 TIPS TOP VIEW SIDE VIEW BOTTOM VIEW NOTE 1 0.08 C Sheet 1 of 2 4X 128X Note: http://www.microchip.com/packaging For the most current package drawings, please see the Microchip Packaging Specification located at 128-Lead Thin Quad Flat Pack (ZMX) - 14x14x1.0 mm Body [TQFP] With 9x9 mm Grooved Exposed Pad Microchip Technology Drawing C04-502 Rev B A1 A2 A D D1 E E1 D 2 D1 2 E 2 D1 2 D A B D2 E2 AA e 2 e 128X b 1 2 332 96 33 128 97 33 64 1 332 96 33 128 97 33 64 2 0.05 |