| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W4SC bảng dữ liệu(PDF) 6 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
W4SC bảng dữ liệu(HTML) 6 Page - TE Connectivity Ltd |
|
6 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 6 PERFORMANCE SPECIFICATIONS DEUTSCH CONNECTORS Temperature: Operating at temperatures -55°C to +125°C Durability: No electrical or mechanical defects after 100 cycles of engagement and disengagement. Insulation Resistance: 1000 megohms minimum at 25°C. Immersion: IP68 rating Vibration: No unlocking or unmating and exhibits no mechanical or physical damage after sinusoidal vibration levels of 20 G’s at 10 to 2000 Hz in each of the three mutually perpendicular planes. No electrical discontinuities longer than 1 microsecond. Dielectric Withstanding Voltage: Current leakage less than 2 milliamps at 1500 volts AC. Fluid Resistance: Connectors show no damage when exposed to most fluids used in industrial applications. Moisture Resistance: Properly wired and mated connections will withstand immersion under three feet of water without loss of electronic qualities or leakage. Thermal Cycle: No cracking, chipping or leaking after 20 test cycles from -55°C to +125°C. DEUTSCH CONTACTS Durability: No electrical or mechanical defects after 100 cycles of engagement and disengagement. Current Rating: (Contact current rating at 125° C continuous) Contact Size Max. Current Size 20 7.5 amps Size 16 13 amps Size 12 25 amps Size 8 60 amps Size 4 100 amps Contact Retention: (Contacts withstand a minimum load of) 20 lbs (89 N) for size 20 25 lbs (111 N) for size 16 30 lbs (133 N) for size 12 35 lbs (156 N) for size 8 35 lbs (156 N) for size 4 Crimp Tensile Strength: Contact Size Tensile Strength (Solid) Tensile Strength (S&F) Size 20 20 lbs 20 lbs Size 16 25 lbs 25 lbs Size 12 70 lbs 70 lbs Size 8 90 lbs N/A Size 4 300 lbs N/A Contact Millivolt Drop: Contact Size Test Current Amps Millivolt Drop* (Solid) Millivolt Drop* (S&F) Size 20 7.5 60 100 Size 16 13 60 100 Size 12 25 60 100 Size 8 60 60 - Size 4 100 60 - *less drop through wire |