| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W4SC bảng dữ liệu(PDF) 4 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
W4SC bảng dữ liệu(HTML) 4 Page - TE Connectivity Ltd |
|
4 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 4 PERFORMANCE SPECIFICATIONS AMPSEAL 16 CONNECTORS Current: Up to 13 amps Temperature: Operating at temperatures -40°C to +125°C Durability: 50 cycles. See note. Insulation Resistance: 20 megohms minimum. SAE J2030 6.3. Insulation resistance at 1000 volts DC adjacent terminals measured after 60 seconds or until stabilization occurs. Immersion: IP67 rating Random Vibration: No discontinuities. See note. EIA-364-28 Subject mated specimens to 21 G’s rms between 25 to 2000 Hz. Twenty hours in each of three mutually perpendicular planes. Voltage: 250 volts DC Note: Shall meet visual requirements, show no physical damage, and meet requirements of additional tests as specified in Product Qualification and Requalification Test Sequence in Figure 3 of TE product document 108-2184. HDSF 16 (AMPSEAL 16) CONTACTS Durability: SAE J2030 6.11. 50 cycles. See note. Current Rating: Up to 13 amps, consult TE product document 108-2184. Contact Retention: IEC 512-8, Test 51a. Apply axial load of 111 N to contacts at a maximum rate of 10 N per second (or 50 mm per minute) and hold for 10 seconds. Contacts shall not dislodge. Crimp Tensile Strength: USCAR 21 @ 50 mm/min Wire Gauge Tensile Strength 18 AWG 90 N Min 16 AWG 120 N Min 14 AWG 180 N Min Voltage Drop: Contact Size Test Current Amps Voltage Drop (millivolts max) Size 18 8 100 Size 16 10 100 Size 14 13 100 Note: Shall meet visual requirements, show no physical damage, and meet requirements of additional tests as specified in the Product Qualification and Requalification Test Sequence in Figure 3 of TE product document 108-2184. USCAR is a trademark. |