| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD36-24-23PT-059 bảng dữ liệu(PDF) 8 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-24-23PT-059 bảng dữ liệu(HTML) 8 Page - TE Connectivity Ltd |
|
8 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 8 PERFORMANCE SPECIFICATIONS LEAVYSEAL CONNECTORS Current: Up to 40 amps Temperature: Operating at temperatures ranges -40°C to +140°C, see individual product specifications for specific range. Durability: Up to 20 cycles (tin), up to 50 cycles (silver), up to 100 cycles (gold), see individual product specifications for additional details. Insulation Resistance: 500 volts DC, see individual product specifications for testing conditions. Immersion: IP67 rating, IP6K9K with cover Voltage: 42 volts AC/DC Dielectric Withstanding Voltage: No flash over or breakdown between adjacent contacts and outer contour of the housing permitted at 500 volts AC and 50 or 60 Hz for 60 seconds. Flammability: Product with a UL 94 V0 rated material is available AMP MCP (LEAVYSEAL) CONTACTS Durability: 10 cycles (tin) 50 cycles (silver) 100 cycles (gold) Current Rating: Contact Size Max. Current 1.5K up to 20 amps 2.8 up to 40 amps 6.3/4.8K up to 40 amps Contact Retention: Contact Size Min. Load 1.5K 40/60 N 2.8 80 N 6.3/4.8K 80 N Crimp Tensile Strength: Contact Size Tensile Strength Contact Size Tensile Strength Contact Size Tensile Strength 1.5K 2.8 6.3./4.8K .22 mm2 ≥ 32 N .22 mm2 ≥ 28 N .35 mm2 ≥ 50 N .35 mm2 ≥ 50 N .35 mm2 ≥ 50 N .50 mm2 ≥ 60 N .50 mm2 ≥ 60 N .50 mm2 ≥ 60 N .75 mm2 ≥ 85 N .75 mm2 ≥ 85 N .75 mm2 ≥ 85 N 1.0 mm2 ≥ 108 N 1.0 mm2 ≥ 108 N 1.0 mm2 ≥ 108 N 1.5 mm2 ≥ 150 N 1.25 mm2 ≥ 135 N (16 AWG) 1.5 mm2 ≥ 150 N 2.5 mm2 ≥ 200 N 1.5 mm2 ≥ 135 N 2.5 mm2 ≥ 200 N 4.0 mm2 ≥ 310 N 6.0 mm2 ≥ 450 N |