| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD36-24-23PT-059 bảng dữ liệu(PDF) 44 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-24-23PT-059 bảng dữ liệu(HTML) 44 Page - TE Connectivity Ltd |
|
44 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 44 ELECTRICAL CONNECTORS CONTACT SIZE(S) PART DESCRIPTION PART NUMBER WEDGE/ TPA 1.5K Recept. housing, HDSCS, 8 way, group C, 1 key, black 1-1418479-1 Included 1.5K Recept. housing, HDSCS, 8 way, group C, 2 key, gray 2-1418479-1 Included 1.5K Recept. housing, HDSCS, 8 way, group C, 3 key, green 3-1418479-1 Included 1.5K Recept. housing, HDSCS, 8 way, group C, 4 key, blue 4-1418479-1 Included 2.8 Recept. housing, HDSCS, 8 way, group D, 1 key, black 1-1670894-1 Included 2.8 Recept. housing, HDSCS, 8 way, group D, 2 key, gray 2-1670894-1 Included 2.8 Recept. housing, HDSCS, 8 way, group D, 3 key, green 3-1670894-1 Included 2.8 Recept. housing, HDSCS, 8 way, group D, 4 key, blue 4-1670894-1 Included 9 CAVITY CONNECTORS HD10 Series 16 Recept., HD10, 9 way, gray, flange, non-threaded rear HD10-9-16P N/A 16 Recept., HD10, 9 way, gray, flange, non-threaded rear, key removed from front of flange HD10-9-16P-B009 N/A 16 Recept., HD10, 9 way, black, flange, threaded rear, J1939 HD10-9-1939P N/A 16 Recept., HD10, 9 way, black, flange, threaded rear, J1939, panel nut mount HD10-9-1939P-B022 N/A 16 Recept., HD10, 9 way, green, flange, threaded rear, J1939 type II, panel nut mount HD10-9-1939P-BP03 N/A 16 Recept., HD10, 9 way, green, flange, threaded rear, J1939 type II HD10-9-1939P-P080 N/A 16 Recept., HD10, 9 way, black, flange, threaded rear, J1939, E seal HD10-9-1939PE N/A 16 Recept., HD10, 9 way, black, flange, threaded rear, J1939, E seal, panel nut mount HD10-9-1939PE-B022 N/A 16 Recept., HD10, 9 way, green, flange, threaded rear, J1939 type II, E seal, panel nut mount HD10-9-1939PE-BP03 N/A 16 Recept., HD10, 9 way, green, flange, threaded rear, J1939 type II, E seal HD10-9-1939PE-P080 N/A 16 Recept., HD10, 9 way, gray, flange, threaded rear HD10-9-96P N/A 16 Recept., HD10, 9 way, gray, flange, non-threaded rear, key removed from front of flange HD10-9-96P-B009 N/A 16 Recept., HD10, 9 way, black, flange, non-threaded rear, panel nut mount HD10-9-96P-B025 N/A 16 Recept., HD10, 9 way, black, flange, threaded rear, 180° molded pins, PCB mount HD10-9-96P-N005 N/A 16 Recept., HD10, 9 way, gray, flange, threaded rear, E seal HD10-9-96PE N/A 16 Recept., HD10, 9 way, black, flange, non-threaded rear, E seal, panel nut mount HD10-9-96PE-B025 N/A 16 Recept., HD10, 9 way, gray, in-line, non-threaded rear HD14-9-16P N/A 16 Recept., HD10, 9 way, black, in-line, threaded rear, J1939 HD14-9-1939P N/A 16 Recept., HD10, 9 way, green, in-line, threaded rear, J1939 type II HD14-9-1939P-P080 N/A 16 Recept., HD10, 9 way, black, in-line, threaded rear, J1939, E seal HD14-9-1939PE N/A 16 Recept., HD10, 9 way, gray, in-line, threaded rear HD14-9-96P N/A |