công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

REF22KGPDINVEASY3BTOBO2 bảng dữ liệu(PDF) 1 Page - Infineon Technologies AG

tên linh kiện REF22KGPDINVEASY3BTOBO2
Giải thích chi tiết về linh kiện  User guide for REF-22K-GPD-INV-EASY3B
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

REF22KGPDINVEASY3BTOBO2 bảng dữ liệu(HTML) 1 Page - Infineon Technologies AG

  REF22KGPDINVEASY3BTOBO2 Datasheet HTML 1Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 2Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 3Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 4Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 5Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 6Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 7Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 8Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
User Guide
Please read the Important notice and the Safety precautions and the Warnings
www.infineon.com
page 1 of 38
2021-01-29
UG-2020-28
User guide for REF-22K-GPD-INV-EASY3B
A reference design for a general purpose drive
About this document
Scope and purpose
This user guide provides an overview of the evaluation kit REF-22K-GPD-INV-EASY3B including its main
features, key data, pin assignments, mechanical dimensions and corresponding control card. The reference kit
REF-22K-GPD-INV-EASY3B is an industrial motor drive for three-phase 400 V AC grids and has a nominal power
of 22 kW.
The REF-22K-GPD-INV-EASY3B includes the Easy3B power module FP100R12W3T7_B11, the current sensor
TLI4971-A120T5, the gate driver IC 1ED3131MC12H, the 1.7 kV SiC-MOSFET IMBF170R1K0M1 and the
microcontrollers XMC4800-F144F2048 and XMC4300-F100K256. The combination of these Infineon products
allows the customer to evaluate these products in one design and experience the interaction between the
products.
Beside the hardware, the REF-22K-GPD-INV-EASY3B offers you software for control and communication. The
inverter can be controlled via a touch screen and PC-GUI.
Note:
Please note that this product is not qualified according to the AEC Q100 or AEC Q101 documents of
the Automotive Electronics Council.
Intended audience
This user guide is intended for all technical specialists working on industrial drives and those interested in how
the latest Infineon products like IGBT7, XENSIV™ current sensors, EICE™ drivers and CoolSiC™ MOSFETs perform
under application conditions.
Reference Kit
The Infineon products are embedded on this PCB with functions and form factor close to a commercial design.
PCB and auxiliary circuits are optimized for the final design.
Note:
Boards do not necessarily meet safety, EMI, quality standards (for example UL, CE) requirements.


Số phần tương tự - REF22KGPDINVEASY3BTOBO2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
REF20-Q1 TI-REF20-Q1 Datasheet
3Mb / 34P
REF20xx-Q1 Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
DECEMBER 2021
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
235Kb / 17P
DUAL CURRENT SOURCE/CURRENT SINK
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
Dual Current Source and Current Sink
REF200 TI-REF200 Datasheet
1Mb / 34P
REF200 Dual Current Source and Current Sink
More results

Mô tả tương tự - REF22KGPDINVEASY3BTOBO2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRDC3831 IRF-IRDC3831 Datasheet
764Kb / 16P
USER GUIDE FOR IR3831 EVALUATION BOARD
IRDC3831W IRF-IRDC3831W Datasheet
732Kb / 16P
USER GUIDE FOR IR3831W EVALUATION BOARD
IRDC3840 IRF-IRDC3840 Datasheet
905Kb / 17P
USER GUIDE FOR IR3840 EVALUATION BOARD
IRDC3840A IRF-IRDC3840A Datasheet
862Kb / 17P
USER GUIDE FOR IR3840A EVALUATION BOARD
IRDC3841 IRF-IRDC3841 Datasheet
901Kb / 17P
USER GUIDE FOR IR3841 EVALUATION BOARD
IRDC3842 IRF-IRDC3842 Datasheet
924Kb / 17P
USER GUIDE FOR IR3842 EVALUATION BOARD
IRDC3899-P1V2 IRF-IRDC3899-P1V2 Datasheet
3Mb / 17P
USER GUIDE FOR IR3899 EVALUATION BOARD
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
USER GUIDE
Jan-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com