| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CY28301PVC bảng dữ liệu(PDF) 9 Page - SpectraLinear Inc |
|
|
|||||||||||||||||||||||||||||
CY28301PVC bảng dữ liệu(HTML) 9 Page - SpectraLinear Inc |
|
9 / 13 page ![]() CY28301 Rev 1.0, November 27, 2006 Page 9 of 13 Bit 4 Reserved 0 Reserved Bit 3 Reserved 0 Reserved Bit 2 Reserved 0 Reserved Bit 1 Reserved 0 Reserved Bit 0 Reserved 0 Reserved Byte 14: Reserved Register Bit Name Default Description Bit 7 Reserved 0 Reserved Bit 6 Reserved 0 Reserved Bit 5 Reserved 0 Reserved Bit 4 Reserved 0 Reserved Bit 3 Reserved 0 Reserved Bit 2 Reserved 0 Reserved Bit 1 Reserved 0 Reserved Bit 0 Reserved 0 Reserved Byte 15: Reserved Register Bit Pin# Name Default Description Bit 7 – Reserved 0 Reserved Bit 6 – Reserved 0 Reserved Bit 5 – Reserved 0 Reserved Bit 4 – Reserved 0 Reserved Bit 3 – Reserved 0 Reserved Bit 2 – Reserved 0 Reserved Bit 1 – Reserved 1 Reserved. Write with ‘1’ Bit 0 – Reserved 1 Reserved. Write with ‘1’ Byte 16: Reserved Register Bit Pin# Name Default Description Bit 7 – Reserved 0 Reserved Bit 6 – Reserved 0 Reserved Bit 5 – Reserved 0 Reserved Bit 4 – Reserved 0 Reserved Bit 3 – Reserved 0 Reserved Bit 2 – Reserved 0 Reserved Bit 1 – Reserved 0 Reserved Byte 17: Reserved Register Bit Pin# Name Default Description Bit 7 – Reserved 0 Reserved Bit 6 – Reserved 0 Reserved Bit 5 – Reserved 0 Reserved Bit 4 – Reserved 0 Reserved Bit 3 – Reserved 0 Reserved Bit 2 – Reserved 0 Reserved Bit 1 – Reserved 0 Reserved Byte 13: Reserved Register |