| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2902-EP bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM2902-EP bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 38 page ![]() 5.4 Thermal Information THERMAL METRIC(1) LM2902-Q1, LM2902KV-Q1, LM2902KAV-Q1 LM2902B-Q1, LM2902BA-Q1 UNIT D (SOIC) PW (TSSOP) D (SOIC) PW (TSSOP) 14 PINS 14 PINS 14 PINS 14 PINS RθJA Junction-to-ambient thermal resistance 101 86 99.3 133.3 °C/W RθJC Junction-to-case (top) thermal resistance — — 60.4 63.4 °C/W RθJB Junction-to-board thermal resistance — — 57.5 76.5 °C/W ψJT Junction-to-top characterization parameter — — 19.8 15.6 °C/W ψJB Junction-to-board characterization parameter — — 57.0 75.9 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application note. www.ti.com LM2902-Q1, LM2902B-Q1, LM2902BA-Q1 SGLS178I – AUGUST 2003 – REVISED NOVEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 5 Product Folder Links: LM2902-Q1 LM2902B-Q1 LM2902BA-Q1 |