| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2902-EP bảng dữ liệu(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM2902-EP bảng dữ liệu(HTML) 26 Page - Texas Instruments |
|
26 / 38 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 11-Dec-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LM2902BAQDRQ1 SOIC D 14 3000 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM2902BAQPWRQ1 TSSOP PW 14 3000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM2902BQDRQ1 SOIC D 14 3000 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM2902BQPWRQ1 TSSOP PW 14 3000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM2902BQWRTERQ1 WQFN RTE 16 5000 330.0 12.4 3.3 3.3 1.1 8.0 12.0 Q2 LM2902KAVQDRQ1 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM2902KAVQPWRQ1 TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM2902KVQDRQ1 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM2902KVQPWRQ1 TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM2902KVQPWRQ1 TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM2902QDRQ1 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 LM2902QPWRQ1 TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 LM2902QPWRQ1 TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 Pack Materials-Page 1 |