| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L4969 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4969 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 35 page ![]() L4969 30/35 2.11 ADR 15: SYS System Status Register Figure 26. The lower 6 bit of this register can be used to analyze the reason of startup (after NRESET low). This information is valid until the first Watchdog-Acknowldge, and will then be reinitialized to 000001. STF OTF WNDF STAT NCRC UCF WAKE NPOR D7 D0 CRC-Checking disabled Warm start after failure of Window watchdog Reserved status flag (test only) Warm start after < 7 missing Ack during Startup Warm start after V1 Overtemp failure Warm start after 7 missing Ack during Startup Warm start after leaving prog. Sleep mode Cold Start after low VS |