| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L4969 bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4969 bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 35 page ![]() L4969 20/35 2.2 ADR 1: CTCR CAN-Transceiver Control Register Figure 12. Three basic operating modes are available using different logic combinations on ACT and TXEN. Each of these modes in conjunction with other inputs has its unique combination of parameters inside the specification: Table 6. Operating Modes of the CAN Lineinterface Input Signals Output Signals ACT TXEN TX CANH CANL V3 Mode RTL RTH CANH CANL RX 0 X X RTH RTL ON Standby VBAT GND OFF OFF 1 1 0 1/0 RTH RTL ON RXonly VDD GND OFF OFF TX 1 0 1 RTL ON RXonly VDD GND OFF OFF 1 0 1 RTH ON RXonly VDD GND OFF OFF 1 1 1 RTH RTL ON Normal VDD GND ON ON 1 1 1 0 RTH RTL ON Normal VDD GND VDD GND 0 1 1 1 RTL ON Normal VDD GND ON ON 1 1 1 RTH ON Normal VDD GND ON ON 11 0*1 RTH RTL ON Error X VDD GND OFF OFF 1 1X 1 VDD*1 RTL ON Error VII, VIII VDD ISRC OFF ON CANL 1X 1 VS*1 RTL ON Error EIII, VII, VIII VDD ISRC OFF ON CANL 1 X 1 GND x 3 ON Error EI_V VDD GND ON ON 1X 1 x 3 VDD ON Error EII_IX VDD GND ON ON 1X 1 RTH VS*1 ON Error EVI ISRC GND ON OFF CANH 1X 1 RTH GND*1 ON Error EVII, EIV ISRC GND ON OFF CANH 1X 1 CANL*1 CANH*1 ON Error EVII ISRC GND ON OFF CANH RES TXEN ACT RES RES LP2 Reserved bits (‘RES’) have to be written as ‘0’. CAN-Transceiver application control 0X : Standby / Sleep 10 : Receive only mode A (Readback TX, if not EX) 11 : Normal Operation D7 D0 Note, that TXEN is automatically reset upon occurence of EX (TX permanent dominant) and has to be reprogrammed after problem correction to enter normal mode. LP1 LP0 Standby-mode control (V1 only, see 1.1) enable Auto-Osc-Off reduce Osc-frequency to 250KHz |