công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF2484PCBA-410 bảng dữ liệu(PDF) 5 Page - RF Micro Devices

tên linh kiện RF2484PCBA-410
Giải thích chi tiết về linh kiện  DIRECT QUADRATURE MODULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2484PCBA-410 bảng dữ liệu(HTML) 5 Page - RF Micro Devices

  RF2484PCBA-410 Datasheet HTML 1Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 2Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 3Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 4Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 5Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 6Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 7Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 8Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
RF2484
Rev A7 DS061115
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1GND
Ground connection. This pin should be connected directly to the ground
plane.
2GND
Same as pin 1.
3GND
Same as pin 1.
4LO
The input of the phase shifting network. This pin has an internal DC block-
ing capacitor. This port is voltage-driven so matching at different frequen-
cies is generally not required.
5GND
Same as pin 1.
6VCC
Power supply. An external capacitor is needed if no other low frequency
bypass capacitor is nearby.
7PD
Power Down control. When this pin is "low," all circuits are shut off. A "low"
is typically 1.2V or less at room temperature.When this pin is "high" (VCC),
all circuits are operating normally. If PD is below VCC, output power and
performance will be degraded. Operating in this region is not recom-
mended, although it might be useful in some applications where power
control is required.
8RF OUT
RF Output. This pin has an internal DC blocking capacitor. At some frequen-
cies, external matching may be needed to optimize output power. A small
amount of DC current may be present at this output. As a result, if the volt-
age at this pin is measured using a high impedance probe, some DC volt-
age may be observed at this output.
9GND
Same as pin 1.
10
VCC
Same as pin 6.
11
GND
Same as pin 1.
12
GND
Same as pin 1.
13
Q SIG
Baseband input to the Q mixer. This pin is DC coupled. The input drive level
determines output power and linearity performance; for better carrier sup-
pression, sideband suppression, and dynamic range, the drive level should
be as high as possible to meet the required linearity performance. The rec-
ommended DC level for this pin is 4.1V.
For optimum carrier suppression, the DC voltages on I REF, Q REF, I SIG
and Q SIG should be adjusted slightly to compensate for inherent undes-
ired internal DC offsets; for optimum sideband suppression, phase and sig-
nal amplitude on IREF, Q REF, I SIG and Q SIG should be adjusted slightly to
compensate for inherent undesired internal offsets. See RFMD AN0001
for more detail.
14
I SIG
Baseband input to the I mixer. This pin is DC coupled. The input drive level
determines output power and linearity performance; for better carrier sup-
pression, sideband suppression, and dynamic range, the drive level should
be as high as possible to meet the required linearity performance. The rec-
ommended DC level for this pin is 4.1V; see pin 13 for more information.
15
I REF
Reference voltage for the I mixer. This voltage should be the same as the
DC voltage supplied to the I SIG pin. A voltage of 4.1V is recommended;
see pin 13 for more information.
The SIG and REF inputs are inputs of a differential amplifier. Therefore the
REF and SIG inputs are interchangeable. If swapping the I SIG and I REF
pins, the Q SIG and Q REF also need to be swapped to maintain the correct
phase. It is also possible to drive the SIG and REF inputs in a differential
mode. This will increase the gain.
LO
20 0
Ω
PD
V CC
RF OUT
10 0
Ω
1 p
V CC
10 0
Ω
1 p
V CC
10 0
Ω
1 p
V CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com