công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF2484PCBA-410 bảng dữ liệu(PDF) 3 Page - RF Micro Devices

tên linh kiện RF2484PCBA-410
Giải thích chi tiết về linh kiện  DIRECT QUADRATURE MODULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2484PCBA-410 bảng dữ liệu(HTML) 3 Page - RF Micro Devices

  RF2484PCBA-410 Datasheet HTML 1Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 2Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 3Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 4Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 5Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 6Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 7Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 8Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RF2484
Rev A7 DS061115
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RF Output (1960MHz)
LO=-5dBm at 1960MHz; Single sideband test-
ing unless otherwise noted
PCS CDMA Output Power
-13
dBm
For ACPR=-72dBc; I&Q Amplitude=1.2VPP
(single-ended)
PCS CDMA ACPR
-72
dBc
Channel Power=-13dBm; see Test Setup for
detailed information
Carrier Suppression
50
dBc
T=25°C; POUT=-13dBm; optimized I,Q DC off-
sets
Carrier Suppression
over Temperature
35
dBc
Temperature cycled from -40°C to +85°C after
optimization at T=25°C; POUT=-13dBm
Sideband Suppression
50
dBc
T=25°C; POUT=-13dBm; optimized I,Q ampli-
tude and phase balance
Sideband Suppression
over Temperature
35
dBc
Temperature cycled from -40°C to +85°C after
optimization at T=25°C; POUT=-13dBm
Broadband Noise Floor
-154.5
dBm/Hz
At 20MHz offset, 30kHz res BW, VCC=5V; ISIG,
QSIG, IREF, and QREF tied to VREF
EVM
2.3
%
See Test Setup for detailed information
Phase Error
1
° RMS
See Test Setup for detailed information
Rho
.9988
See Test Setup for detailed information
Output Impedance
46-j22
Ω
RF Output (2140MHz)
LO= -5dBm at 2140MHz; Single sideband test-
ing unless otherwise noted
W-CDMA Output Channel Power
-16
dBm
For ACPR=-60dBc; I&Q Amplitude=1.4VPP
(single-ended)
W-CDMA ACPR
-60
dBc
Channel Power=-16dBm; see Test Setup for
detailed information
Carrier Suppression
50
dBc
T=25°C; POUT=-13dBm; optimized I,Q DC off-
sets
Carrier Suppression
over Temperature
35
dBc
Temperature cycled from -40°C to +85°C after
optimization at T=25°C; POUT=-13dBm
Sideband Suppression
50
dBc
T=25°C; POUT=-13dBm; optimized I,Q ampli-
tude and phase balance
Sideband Suppression
over Temperature
35
dBc
Temperature cycled from -40°C to +85°C after
optimization at T=25°C; POUT=-13dBm
Broadband Noise Floor
-152
dBm/Hz
At 20MHz offset, 30kHz res BW, VCC=5V; ISIG,
QSIG, IREF, and QREF tied to VREF
EVM
5.9
%
See Test Setup for detailed information
Phase Error
2.4
° RMS
See Test Setup for detailed information
Rho
.9961
See Test Setup for detailed information
Output Impedance
58-j16
Ω
Power Down
Turn On/Off Time
100
ns
PD Input Resistance
50
k
Ω
Power Control “ON”
2.8
V
Threshold voltage
Power Control “OFF”
1.0
1.2
V
Threshold voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com